Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT6221-JFTD-GT3 Datasheet (PDF) - ON Semiconductor

CAT6221-JFTD-GT3 Datasheet PDF - ON Semiconductor
Part # CAT6221-JFTD-GT3
Download  CAT6221-JFTD-GT3 Download

File Size   597.27 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 300 mA CMOS Dual LDO Regulator

CAT6221-JFTD-GT3 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT6221-JFTD-GT3 Datasheet PDF - ON Semiconductor

Part # CAT6221-JFTD-GT3
Download  CAT6221-JFTD-GT3 Click to download

File Size   597.27 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 300 mA CMOS Dual LDO Regulator

CAT6221-JFTD-GT3 Datasheet (HTML) - ON Semiconductor

CAT6221-JFTD-GT3 Datasheet HTML 1Page - ON Semiconductor CAT6221-JFTD-GT3 Datasheet HTML 2Page - ON Semiconductor CAT6221-JFTD-GT3 Datasheet HTML 3Page - ON Semiconductor CAT6221-JFTD-GT3 Datasheet HTML 4Page - ON Semiconductor CAT6221-JFTD-GT3 Datasheet HTML 5Page - ON Semiconductor CAT6221-JFTD-GT3 Datasheet HTML 6Page - ON Semiconductor CAT6221-JFTD-GT3 Datasheet HTML 7Page - ON Semiconductor CAT6221-JFTD-GT3 Datasheet HTML 8Page - ON Semiconductor CAT6221-JFTD-GT3 Datasheet HTML 9Page - ON Semiconductor CAT6221-JFTD-GT3 Datasheet HTML 10Page - ON Semiconductor

CAT6221-JFTD-GT3 Product details

Description
The 300 mA CMOS Dual LDO CAT6221 combines in a single TSOT−23 6−lead package two low dropout regulators (LDO), each with its own enable pin.
The regulator outputs drive loads up to 300 mA. By design, the dual LDO provides fast response time during load current and line voltage changes.

Features
• Two Outputs with Guaranteed 300 mA Peak Output Current
• Low Dropout Voltages of 210 mV Typical at 300 mA
• Stable with Ceramic Output Capacitors
• Independent Enable Pins
• Under Voltage Lockout
• No−load Ground Current of 100 A Typical
• Full−load Ground Current of 160 A Typical
• ±1.0% Output Voltage Initial Accuracy (VOUT ≥ 2.0 V)
• ±2.0% Accuracy Over Temperature (VOUT ≥ 2.0 V)
• “Zero” Current Shutdown Mode
• Fold−back Current Limit and Thermal Protection
• TSOT−23 6−lead, 0.8 mm Height Package
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant

Applications
• Cellular Phones
• Battery−powered Devices
• Consumer Electronics




Similar Part No. - CAT6221-JFTD-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT6221-JFTD-G CATALYST-CAT6221-JFTD-G Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
More results


Similar Description - CAT6221-JFTD-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6221 ONSEMI-CAT6221_12 Datasheet
586Kb / 10P
   300 mA CMOS Dual LDO Regulator
February, 2011 ??Rev. 2
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
   300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
NCP603 ONSEMI-NCP603_13 Datasheet
153Kb / 13P
   300 mA High Performance CMOS LDO Regulator
January, 2013 ??Rev. 3
logo
Nisshinbo Micro Devices...
RP114X NISSHINBO-RP114X Datasheet
1Mb / 36P
   300 mA LDO REGULATOR
logo
ON Semiconductor
NCP151 ONSEMI-NCP151 Datasheet
643Kb / 10P
   LDO Regulator - Dual, High PSRR 300mA
September, 2019 ??Rev. 4
CAT6201VP2-GT3 ONSEMI-CAT6201VP2-GT3 Datasheet
343Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
CAT6201 ONSEMI-CAT6201_V01 Datasheet
434Kb / 11P
   LDO Regulator - Adjustable CMOS 300 mA, 13 V
September, 2019 - Rev. 3
CAT6201 ONSEMI-CAT6201_13 Datasheet
338Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
December, 2013 ??Rev. 3
CAT6201 ONSEMI-CAT6201 Datasheet
343Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com