Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT64LC40Y-GT3 Datasheet (PDF) - ON Semiconductor

CAT64LC40Y-GT3 Datasheet PDF - ON Semiconductor
Part # CAT64LC40Y-GT3
Download  CAT64LC40Y-GT3 Download

File Size   148.32 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 4 kb SPI Serial EEPROM

CAT64LC40Y-GT3 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT64LC40Y-GT3 Datasheet PDF - ON Semiconductor

Part # CAT64LC40Y-GT3
Download  CAT64LC40Y-GT3 Click to download

File Size   148.32 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 4 kb SPI Serial EEPROM

CAT64LC40Y-GT3 Datasheet (HTML) - ON Semiconductor

Back Button CAT64LC40Y-GT3 Datasheet HTML 1Page - ON Semiconductor CAT64LC40Y-GT3 Datasheet HTML 2Page - ON Semiconductor CAT64LC40Y-GT3 Datasheet HTML 3Page - ON Semiconductor CAT64LC40Y-GT3 Datasheet HTML 4Page - ON Semiconductor CAT64LC40Y-GT3 Datasheet HTML 5Page - ON Semiconductor CAT64LC40Y-GT3 Datasheet HTML 6Page - ON Semiconductor CAT64LC40Y-GT3 Datasheet HTML 7Page - ON Semiconductor CAT64LC40Y-GT3 Datasheet HTML 8Page - ON Semiconductor CAT64LC40Y-GT3 Datasheet HTML 9Page - ON Semiconductor CAT64LC40Y-GT3 Datasheet HTML 10Page - ON Semiconductor Next Button 

CAT64LC40Y-GT3 Product details

Description
The CAT64LC40 is a 4 kb Serial EEPROM which is configured as 256 registers by 16 bits. Each register can be written (or read) serially by using the DI (or DO) pin. The CAT64LC40 is manufactured using ON Semiconductor’s advanced CMOS EEPROM floating gate technology. It is designed to endure 1,000,000 program/erase cycles and has a data retention of 100 years. The device is available in 8−pin DIP, SOIC and TSSOP packages.

Features
• SPI Bus Compatible
• Low Power CMOS Technology
• 2.5 V to 6.0 V Operation
• Self−Timed Write Cycle with Auto−Clear
• Hardware Reset Pin
• Hardware and Software Write Protection
• Commercial, Industrial and Automotive Temperature Ranges
• Power−up Inadvertent Write Protection
• RDY/BSYPin for End−of−Write Indication
• 1,000,000 Program/Erase Cycles
• 100 Year Data Retention
• This Device is Pb−Free, Halogen Free/BFR Free and RoHS Compliant*




Similar Part No. - CAT64LC40Y-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT64LC40YATE13 CATALYST-CAT64LC40YATE13 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
CAT64LC40YATE13 CATALYST-CAT64LC40YATE13 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
CAT64LC40YITE13 CATALYST-CAT64LC40YITE13 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
CAT64LC40YITE13 CATALYST-CAT64LC40YITE13 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
CAT64LC40YRATE13 CATALYST-CAT64LC40YRATE13 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
More results


Similar Description - CAT64LC40Y-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NV25010 ONSEMI-NV25010 Datasheet
271Kb / 15P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 1
NV25010WF ONSEMI-NV25010WF Datasheet
191Kb / 12P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 1
NV25320WF ONSEMI-NV25320WF Datasheet
196Kb / 13P
   EEPROM Serial 32-Kb SPI
June, 2018 ??Rev. 1
NV25640WF ONSEMI-NV25640WF Datasheet
195Kb / 13P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 1
CAT25128 ONSEMI-CAT25128_18 Datasheet
388Kb / 22P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 9
CAT25010 ONSEMI-CAT25010_18 Datasheet
308Kb / 17P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 26
CAV25010 ONSEMI-CAV25010_18 Datasheet
265Kb / 14P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 1
NV25128WF ONSEMI-NV25128WF Datasheet
211Kb / 13P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 1
NV25512WF ONSEMI-NV25512WF Datasheet
210Kb / 13P
   EEPROM Serial 512-Kb SPI
June, 2018 ??Rev. 2
CAT25512 ONSEMI-CAT25512_18 Datasheet
395Kb / 20P
   EEPROM Serial 512-Kb SPI
June, 2018 ??Rev. 10
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com