Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E5AN-H Datasheet (PDF) - Omron Electronics LLC

E5AN-H Datasheet PDF - Omron Electronics LLC
Part # E5AN-H
Download  E5AN-H Download
File Size   1369.5 Kbytes
Page   16 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Advanced Digital Temperature Controller

E5AN-H Datasheet (PDF)

Go To PDF Page Download Datasheet
E5AN-H Datasheet PDF - Omron Electronics LLC

Part # E5AN-H
Download  E5AN-H Click to download

File Size   1369.5 Kbytes
Page   16 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Advanced Digital Temperature Controller

E5AN-H Datasheet (HTML) - Omron Electronics LLC


E5AN-H Product details

A New High-performance Controller: High Resolution, High Speed, and High Input Accuracy. Logic Operations and Preventive Maintenance Function. Plus Infrared Port on Front Panel.



• High-resolution display with 5 digits/0.01°C display.

• High-speed sampling cycle of 60 ms.

• High Accuracy

     Thermocouple/Pt input: ±0.1% of PV

     Analog input: ±0.1% FS

• Universal inputs on all models (thermocouple, PT, or analog input) to handle various sensors with one Controller. Models also available with Remote SP.

• A PV/SV-status display function can be set to automatically alternate between displaying the status of the Temperature Controller (auto/manual, RUN/STOP, and alarms) and the PV or SV.

• Flexible contact outputs with logic operations (AND, OR, and delays) set from the Support Software (CX-Thermo Ver. 4.0)

• Preventive maintenance for relays in the Temperature Controller using a Control Output ON/OFF Counter.

• Model available with position-proportional control




Similar Part No. - E5AN-H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5AN-C3ML-500-N OMRON-E5AN-C3ML-500-N Datasheet
1Mb / 15P
Basic-type Digital Temperature Controller
E5AN-C3ML-500-N OMRON-E5AN-C3ML-500-N Datasheet
2Mb / 22P
Basic-type Digital Temperature Controller
06/2008
E5AN-C3ML-500N OMRON-E5AN-C3ML-500N Datasheet
2Mb / 22P
Basic-type Digital Temperature Controller
06/2008
E5AN-C3MT-500-N OMRON-E5AN-C3MT-500-N Datasheet
1Mb / 15P
Basic-type Digital Temperature Controller
E5AN-C3MT-500-N OMRON-E5AN-C3MT-500-N Datasheet
2Mb / 22P
Basic-type Digital Temperature Controller
06/2008
More results


Similar Description - E5AN-H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5AN OMRON-E5AN Datasheet
1Mb / 15P
Basic-type Digital Temperature Controller
E5CN-U OMRON-E5CN-U Datasheet
1Mb / 15P
Basic-type Digital Temperature Controller
E5CN-H OMRON-E5CN-H Datasheet
1Mb / 13P
Advanced Digital Temperature Controller
E5GN OMRON-E5GN_09 Datasheet
1Mb / 17P
Basic-type Digital Temperature Controller
logo
Fuji Electric
EDS11-90B FUJI-EDS11-90B Datasheet
277Kb / 4P
DIGITAL TEMPERATURE CONTROLLER
logo
Omron Electronics LLC
E5XC OMRON-E5XC Datasheet
12Mb / 112P
Digital Temperature Controller
logo
Texas Instruments
DLPC150 TI1-DLPC150 Datasheet
1Mb / 55P
Digital Controller for Advanced Light Control
DLPC350 TI1-DLPC350_14 Datasheet
2Mb / 62P
Digital Controller for Portable Advanced Light Control
DLPC900 TI1-DLPC900 Datasheet
1Mb / 72P
Digital Controller for Advanced Light Control
logo
Omron Electronics LLC
E5CC-800 OMRON-E5CC-800 Datasheet
8Mb / 36P
Digital Temperature Controller (Simple Type)
04/12
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com