Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DK20-1.0 Datasheet (PDF) - Yamaichi Electronics Co., Ltd.

DK20-1.0 Datasheet PDF - Yamaichi Electronics Co., Ltd.
Part # DK20-1.0
Download  DK20-1.0 Download

File Size   46.7 Kbytes
Page   2 Pages
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.
Description 1.0mm High Density FLEX (300V, 105째C)

DK20-1.0 Datasheet (PDF)

Go To PDF Page Download Datasheet
DK20-1.0 Datasheet PDF - Yamaichi Electronics Co., Ltd.

Part # DK20-1.0
Download  DK20-1.0 Click to download

File Size   46.7 Kbytes
Page   2 Pages
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.
Description 1.0mm High Density FLEX (300V, 105째C)

DK20-1.0 Datasheet (HTML) - Yamaichi Electronics Co., Ltd.

DK20-1.0 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. DK20-1.0 Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd.



Similar Part No. - DK20-1.0

ManufacturerPart #DatasheetDescription
logo
LEM
DK200-B020 LEM-DK200-B020 Datasheet
166Kb / 2P
   DC Current transducer DK-B020/420
DK200-B10 LEM-DK200-B10 Datasheet
48Kb / 2P
   DC Current transducer DK-B5/10
DK200-B420 LEM-DK200-B420 Datasheet
166Kb / 2P
   DC Current transducer DK-B020/420
DK200-B5 LEM-DK200-B5 Datasheet
48Kb / 2P
   DC Current transducer DK-B5/10
logo
Maxim Integrated Produc...
DK2000 MAXIM-DK2000 Datasheet
479Kb / 19P
   High-Performance Demo Kit Motherboard
REV: 052903
More results


Similar Description - DK20-1.0

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
FLEX-S416-7-0.1 YAMAICHI-FLEX-S416-7-0.1 Datasheet
56Kb / 1P
   50MIL (1.27mm) OKIFLEX-S Type (300V, 105째C)
logo
List of Unclassifed Man...
7201A ETC2-7201A Datasheet
103Kb / 3P
   300V Flex Data Cables
logo
Molex Electronics Ltd.
100061 MOLEX1-100061 Datasheet
613Kb / 2P
   Temp-Flex MediSpec High-Density Micro-Ribbon Cables
logo
List of Unclassifed Man...
FK22PL ETC2-FK22PL Datasheet
78Kb / 2P
   High Density Connectors High Density Steckverbinder
logo
AVX Corporation
046232104015800 AVX-046232104015800 Datasheet
509Kb / 6P
   1.0mm Pitch
046232106015800 AVX-046232106015800 Datasheet
509Kb / 6P
   1.0mm Pitch
logo
Vicor Corporation
MIL-COTS VICOR-MIL-COTS Datasheet
1Mb / 10P
   High density
logo
Dubilier
DVJRHV DUBILIER-DVJRHV Datasheet
144Kb / 1P
   HIGH VOLTAGE SMD ELECTROLYTIC - 105째C
logo
Nichicon corporation
GYB_18 NICHICON-GYB_18_08 Datasheet
786Kb / 2P
   Chip Type, 105째C High Reliability
GYB NICHICON-GYB Datasheet
758Kb / 2P
   Chip Type, 105째C High Reliability
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com