Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPC8A02-H Datasheet (PDF) - Toshiba Semiconductor

TPC8A02-H Datasheet PDF - Toshiba Semiconductor
Part # TPC8A02-H
Download  TPC8A02-H Download

File Size   484.96 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 竊큀SHIBA Field Effect Transistor with Built-in Schottky Barrier Diode High-Efficiency DC/DC Converter Applications

TPC8A02-H Datasheet (PDF)

Go To PDF Page Download Datasheet
TPC8A02-H Datasheet PDF - Toshiba Semiconductor

Part # TPC8A02-H
Download  TPC8A02-H Click to download

File Size   484.96 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 竊큀SHIBA Field Effect Transistor with Built-in Schottky Barrier Diode High-Efficiency DC/DC Converter Applications

TPC8A02-H Datasheet (HTML) - Toshiba Semiconductor

TPC8A02-H Datasheet HTML 1Page - Toshiba Semiconductor TPC8A02-H Datasheet HTML 2Page - Toshiba Semiconductor TPC8A02-H Datasheet HTML 3Page - Toshiba Semiconductor TPC8A02-H Datasheet HTML 4Page - Toshiba Semiconductor TPC8A02-H Datasheet HTML 5Page - Toshiba Semiconductor TPC8A02-H Datasheet HTML 6Page - Toshiba Semiconductor TPC8A02-H Datasheet HTML 7Page - Toshiba Semiconductor TPC8A02-H Datasheet HTML 8Page - Toshiba Semiconductor

TPC8A02-H Product details

High-Efficiency DC/DC Converter Applications
Notebook PC Applications
Portable-Equipment Applications

• Built-in schottky barrier diode
   Low forward voltage: VDSF = 0.6V(Max.)
• High-speed switching.
• Small gate charge.: QSW = 11 nC(Typ.)
• Low drain-source ON-resistance: RDS (ON) = 4.3 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 40 S (typ.)
• Low leakage current: IDSS = 100 µA (max) (VDS = 30 V)
• Enhancement mode: Vth = 1.1 to 2.3 V (VDS = 10 V, ID = 1 mA)




Similar Part No. - TPC8A02-H

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
TPC8A02-H VBSEMI-TPC8A02-H Datasheet
993Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results


Similar Description - TPC8A02-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8A04-H TOSHIBA-TPCA8A04-H Datasheet
201Kb / 8P
   TOSHIBA Field Effect Transistor with Built-in Schottky Barrier Diode
TPC8A03-H TOSHIBA-TPC8A03-H Datasheet
217Kb / 8P
   TOSHIBA Field Effect Transistor with Built-in Schottky Barrier Diode
TPCA8014-H TOSHIBA-TPCA8014-H_06 Datasheet
338Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
TPCA8004-H TOSHIBA-TPCA8004-H_06 Datasheet
462Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPCA8015-H TOSHIBA-TPCA8015-H Datasheet
306Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
TPCA8011-H TOSHIBA-TPCA8011-H Datasheet
441Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPC8116-H TOSHIBA-TPC8116-H Datasheet
285Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPC8213-H TOSHIBA-TPC8213-H Datasheet
324Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
TPCA8005-H TOSHIBA-TPCA8005-H_06 Datasheet
445Kb / 7P
   High Efficiency DC竊뢈C Converter Applications
TPCA8016-H TOSHIBA-TPCA8016-H_06 Datasheet
308Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com