Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXT13N50DE6TC Datasheet (PDF) - Zetex Semiconductors

ZXT13N50DE6TC Datasheet PDF - Zetex Semiconductors
Part # ZXT13N50DE6TC
Download  ZXT13N50DE6TC Download

File Size   419.18 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR

ZXT13N50DE6TC Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXT13N50DE6TC Datasheet PDF - Zetex Semiconductors

Part # ZXT13N50DE6TC
Download  ZXT13N50DE6TC Click to download

File Size   419.18 Kbytes
Page   6 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR

ZXT13N50DE6TC Datasheet (HTML) - Zetex Semiconductors

ZXT13N50DE6TC Datasheet HTML 1Page - Zetex Semiconductors ZXT13N50DE6TC Datasheet HTML 2Page - Zetex Semiconductors ZXT13N50DE6TC Datasheet HTML 3Page - Zetex Semiconductors ZXT13N50DE6TC Datasheet HTML 4Page - Zetex Semiconductors ZXT13N50DE6TC Datasheet HTML 5Page - Zetex Semiconductors ZXT13N50DE6TC Datasheet HTML 6Page - Zetex Semiconductors

ZXT13N50DE6TC Product details

DESCRIPTION
This new 4th generation ultra low saturation transistor utilises the Zetex matrix structure combined with advanced assembly techniques to give extremely low on state losses. This makes it ideal for high efficiency, low voltage switching applications.

FEATURES
• Extremely Low Equivalent On Resistance
• Extremely Low Saturation Voltage
• hFE characterised up to 10A
• IC=4A Continuous Collector Current
• SOT23-6 package

APPLICATIONS
• DC - DC Converters
• Power Management Functions
• Power switches
• Motor control




Similar Part No. - ZXT13N50DE6TC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXT13N50DE6TC DIODES-ZXT13N50DE6TC Datasheet
429Kb / 6P
   50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
More results


Similar Description - ZXT13N50DE6TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT10N50DE6 ZETEX-ZXT10N50DE6 Datasheet
223Kb / 6P
   50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT13N50DE6 DIODES-ZXT13N50DE6 Datasheet
429Kb / 6P
   50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT14N50DX ZETEX-ZXT14N50DX Datasheet
264Kb / 6P
   50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT10N50DE6 DIODES-ZXT10N50DE6 Datasheet
235Kb / 6P
   50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT14N50DX DIODES-ZXT14N50DX Datasheet
268Kb / 6P
   50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT12N50DX ZETEX-ZXT12N50DX Datasheet
258Kb / 6P
   DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXTD09N50DE6 ZETEX-ZXTD09N50DE6 Datasheet
288Kb / 8P
   DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXTDCM832 DIODES-ZXTDCM832 Datasheet
568Kb / 6P
   DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXTD09N50DE6 DIODES-ZXTD09N50DE6 Datasheet
298Kb / 8P
   DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT12N50DX DIODES-ZXT12N50DX Datasheet
267Kb / 6P
   DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com