Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA58672 Datasheet (PDF) - NXP Semiconductors

SA58672 Datasheet PDF - NXP Semiconductors
Part # SA58672
Download  SA58672 Download

File Size   192.27 Kbytes
Page   27 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 3.0 W mono class-D audio amplifier

SA58672 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA58672 Datasheet PDF - NXP Semiconductors

Part # SA58672
Download  SA58672 Click to download

File Size   192.27 Kbytes
Page   27 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 3.0 W mono class-D audio amplifier

SA58672 Datasheet (HTML) - NXP Semiconductors


SA58672 Product details

General description
The SA58672 is a mono, filter-free class-D audio amplifier which is available in a 9 bump WLCSP (Wafer Level Chip-Size Package) and 10-terminal HVSON packages.
The SA58672 features shutdown control. Improved immunity to noise and RF rectification is increased by high PSRR and differential circuit topology. Fast start-up time and very small WLCSP package makes it an ideal choice for both cellular handsets and PDAs.
The SA58672 delivers 1.7 W at 5 V and 800 mW at 3.6 V into 8 Ω. It delivers 3.0 W at 5 V and 1.6 W at 3.6 V into 4 Ω. The maximum power efficiency is excellent at 90 % into 8 Ω and 84 % to 88 % into 4 Ω. The SA58672 provides thermal and short-circuit shutdown protection.

Features
■ Output power
   ◆ 3.0 W into 4 Ω at 5 V
   ◆ 1.6 W into 4 Ω at 3.6 V
   ◆ 1.7 W into 8 Ω at 5 V
   ◆ 800 mW into 8 Ω at 3.6 V
■ Power supply range: 2.0 V to 5.5 V
■ Shutdown control
■ High SVRR: −77 dB at 217 Hz
■ Fast start-up time: 7.0 ms
■ Low supply current
■ Low shutdown current
■ Short-circuit and thermal protection
■ Space savings with 1.66 mm × 1.71 mm × 0.6 mm 9 bump WLCSP package
■ Low junction to ambient thermal resistance of 100 K/W with adequate heat sinking of
   WLCSP
■ Enhanced power dissipation with 3.0 mm × 3.0 mm × 0.85 mm HVSON10 package

Applications
■ Wireless and cellular handsets and PDAs
■ Portable DVD player
■ USB speakers
■ Notebook PC
■ Portable radio and gaming
■ Educational toys




Similar Part No. - SA58672

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58672 PHILIPS-SA58672 Datasheet
184Kb / 27P
3.0 W mono class-D audio amplifier
Rev. 02-23 February 2009
SA58672 PHILIPS-SA58672_15 Datasheet
192Kb / 27P
3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
More results


Similar Description - SA58672

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58672 PHILIPS-SA58672_15 Datasheet
192Kb / 27P
3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
SA58672 PHILIPS-SA58672 Datasheet
184Kb / 27P
3.0 W mono class-D audio amplifier
Rev. 02-23 February 2009
logo
Analog Devices
SSM4321 AD-SSM4321 Datasheet
459Kb / 24P
Mono 2.9 W Class-D Audio Amplifier
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TDA7491MV STMICROELECTRONICS-TDA7491MV Datasheet
697Kb / 28P
25 W mono BTL class-D audio amplifier
logo
List of Unclassifed Man...
TMPA401DM ETC-TMPA401DM Datasheet
222Kb / 12P
15-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3007D1 TI-TPA3007D1_15 Datasheet
609Kb / 24P
6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01_07 Datasheet
540Kb / 25P
10-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com