Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLPX153M050H4P3 Datasheet (PDF) - Cornell Dubilier Electronics

SLPX153M050H4P3 Datasheet PDF - Cornell Dubilier Electronics
Part # SLPX153M050H4P3
Download  SLPX153M050H4P3 Download

File Size   427.7 Kbytes
Page   8 Pages
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics
Description Type SLPX 85 째C Snap-In Aluminum Electrolytic

SLPX153M050H4P3 Datasheet (PDF)

Go To PDF Page Download Datasheet
SLPX153M050H4P3 Datasheet PDF - Cornell Dubilier Electronics

Part # SLPX153M050H4P3
Download  SLPX153M050H4P3 Click to download

File Size   427.7 Kbytes
Page   8 Pages
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics
Description Type SLPX 85 째C Snap-In Aluminum Electrolytic

SLPX153M050H4P3 Datasheet (HTML) - Cornell Dubilier Electronics

SLPX153M050H4P3 Datasheet HTML 1Page - Cornell Dubilier Electronics SLPX153M050H4P3 Datasheet HTML 2Page - Cornell Dubilier Electronics SLPX153M050H4P3 Datasheet HTML 3Page - Cornell Dubilier Electronics SLPX153M050H4P3 Datasheet HTML 4Page - Cornell Dubilier Electronics SLPX153M050H4P3 Datasheet HTML 5Page - Cornell Dubilier Electronics SLPX153M050H4P3 Datasheet HTML 6Page - Cornell Dubilier Electronics SLPX153M050H4P3 Datasheet HTML 7Page - Cornell Dubilier Electronics SLPX153M050H4P3 Datasheet HTML 8Page - Cornell Dubilier Electronics

SLPX153M050H4P3 Product details

Type SLPX 85 °C Snap-In Aluminum Electrolytic

Type SLPX is the best value package snap-in series for 85 ºC, 3000 h operation. This series is the most cost-eff ective choice for DC fi ltering and power supply applications where long life and high ripple capability are needed.

Highlights
- 3000 h ripple load life at rated voltage
- 85 ºC rated
- Small case size with high capacitance
- Best for switching power supplies
- 22 mm to 35 mm diameter, 10 mm lead spacing
- Great value snap-in type
- High ripple current




Similar Part No. - SLPX153M050H4P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SLPX153M050H4P3 CDE-SLPX153M050H4P3 Datasheet
376Kb / 9P
   Small case size with high capacitance
More results


Similar Description - SLPX153M050H4P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SLPX103M050E7P3 CDE-SLPX103M050E7P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX103M025A5P3 CDE-SLPX103M025A5P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
logo
Vishay Siliconix
80D VISHAY-80D Datasheet
340Kb / 5P
   Aluminum Capacitors 85 째C, Snap-In
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
SLP103M010A1P3 CDE-SLP103M010A1P3_1 Datasheet
483Kb / 8P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP331M250A3P3 CDE-SLP331M250A3P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP472M035C1P3 CDE-SLP472M035C1P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
logo
Vishay Siliconix
82DA VISHAY-82DA_08 Datasheet
189Kb / 4P
   Aluminum Capacitors 85 째C, Snap-In, General Purpose
Revision: 29-Aug-08
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
4CMC333M016AK8 CDE-4CMC333M016AK8 Datasheet
484Kb / 7P
   Type 4CMC 85 째C, High-Cap, Radial Leaded, Aluminum Electrolytic
3410DF472M100HPA1 CDE-3410DF472M100HPA1 Datasheet
169Kb / 4P
   85 ?C, 4-Pin, Multipin Snap-In Aluminum Electrolytic
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com