Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASDXAVX007BGAA3 Datasheet (PDF) - Honeywell Solid State Electronics Center

ASDXAVX007BGAA3 Datasheet PDF - Honeywell Solid State Electronics Center
Part # ASDXAVX007BGAA3
Download  ASDXAVX007BGAA3 Download

File Size   312.5 Kbytes
Page   6 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description ASDX Series Silicon Pressure Sensors

ASDXAVX007BGAA3 Datasheet (PDF)

Go To PDF Page Download Datasheet
ASDXAVX007BGAA3 Datasheet PDF - Honeywell Solid State Electronics Center

Part # ASDXAVX007BGAA3
Download  ASDXAVX007BGAA3 Click to download

File Size   312.5 Kbytes
Page   6 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description ASDX Series Silicon Pressure Sensors

ASDXAVX007BGAA3 Datasheet (HTML) - Honeywell Solid State Electronics Center

ASDXAVX007BGAA3 Datasheet HTML 1Page - Honeywell Solid State Electronics Center ASDXAVX007BGAA3 Datasheet HTML 2Page - Honeywell Solid State Electronics Center ASDXAVX007BGAA3 Datasheet HTML 3Page - Honeywell Solid State Electronics Center ASDXAVX007BGAA3 Datasheet HTML 4Page - Honeywell Solid State Electronics Center ASDXAVX007BGAA3 Datasheet HTML 5Page - Honeywell Solid State Electronics Center ASDXAVX007BGAA3 Datasheet HTML 6Page - Honeywell Solid State Electronics Center

ASDXAVX007BGAA3 Product details

Microstructure Pressure Sensors
0 psi to 1 psi through 0 psi to 100 psi

The ASDX series is an amplified version of Honeywell’s proven performer and industry leading SDX series sensor. The amplified ASDX sensor’s footprint is slightly larger than the SDX but it offers a high level output (4.0 Vdc span) on a very cost-effective basis. This series is fully calibrated and temperature compensated with on-board Application Specific Integrated Circuitry (ASIC).

FEATURES
• ASIC enhanced output
• Wide compensated
   temperature range 0 °C to
   85 °C [32 °F to 185 °F]
• Available in absolute, differential and gage types
• Pressure ranges from
   0 psi to 1 psi through
   0 psi to 100 psi
• Accuracy ±2 % max. Volts Full Scale
• Quantization step of 3 mV
• Response time 8 ms

TYPICAL APPLICATIONS
• Flow calibrators
• Ventilation and air flow monitors
• Gas flow instrumentation
• Dialysis equipment
• Sleep apnea monitoring and therapy equipment
• Barometry
• HVAC controls
• Pneumatic controls




Similar Part No. - ASDXAVX007BGAA3

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
ASDXAVX007BGSA3 HONEYWELL-ASDXAVX007BGSA3 Datasheet
482Kb / 6P
   Low Pressure and Ultra-Low Pressure Digital Output,2 Total Error Band, 10 Inches H20 to 100 psi
More results


Similar Description - ASDXAVX007BGAA3

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
50042440 HONEYWELL-50042440 Datasheet
553Kb / 2P
   ASDX Series Silicon Pressure Sensors with Analog Output
July 2010
logo
List of Unclassifed Man...
TPS31 ETC2-TPS31 Datasheet
138Kb / 4P
   Silicon Pressure Sensors
logo
Motorola, Inc
MPX100 MOTOROLA-MPX100 Datasheet
157Kb / 8P
   100kPa Uncompensated Silicon Pressure Sensors
MPX5999D MOTOROLA-MPX5999D Datasheet
84Kb / 6P
   X-ducer SILICON PRESSURE SENSORS
MPX2700A MOTOROLA-MPX2700A Datasheet
164Kb / 6P
   X-ducer SILICON PRESSURE SENSORS
MPXT4100 MOTOROLA-MPXT4100 Datasheet
134Kb / 8P
   X-ducer SILICON PRESSURE SENSORS
logo
Honeywell Accelerometer...
HSCMAND015PASA5 HONEYWELL-ACC-HSCMAND015PASA5 Datasheet
1Mb / 12P
   TRUSTABILITY SILICON PRESSURE SENSORS HSC SERIES-HIGH ACCURACY
logo
Motorola, Inc
MPX53 MOTOROLA-MPX53 Datasheet
150Kb / 8P
   50 KPA UNCOMPENSATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPX53 FREESCALE-MPX53 Datasheet
221Kb / 9P
   50 kPa Uncompensated Silicon Pressure Sensors
MPX10 FREESCALE-MPX10 Datasheet
228Kb / 9P
   10 kPa Uncompensated Silicon Pressure Sensors
More results




About Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com