Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT42QT1011 Datasheet (PDF) - ATMEL Corporation

AT42QT1011 Datasheet PDF - ATMEL Corporation
Part # AT42QT1011
Download  AT42QT1011 Download

File Size   252.73 Kbytes
Page   18 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description One-channel Touch Sensor IC

AT42QT1011 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT42QT1011 Datasheet PDF - ATMEL Corporation

Part # AT42QT1011
Download  AT42QT1011 Click to download

File Size   252.73 Kbytes
Page   18 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description One-channel Touch Sensor IC

AT42QT1011 Datasheet (HTML) - ATMEL Corporation


AT42QT1011 Product details

Number of Keys:

 One – configurable as either a single key or a proximity sensor

Technology:

 Patented spread-spectrum charge-transfer (direct mode)

Key outline sizes:

 6 mm × 6 mm or larger (panel thickness dependent); widely different sizes and shapes possible

Electrode design:

 Solid or ring electrode shapes

PCB Layers required:

 One

Electrode materials:

 Etched copper, silver, carbon, Indium Tin Oxide (ITO)

Electrode substrates:

 PCB, FPCB, plastic films, glass

Panel materials:

 Plastic, glass, composites, painted surfaces (low particle density metallic paints possible)

Panel thickness:

 Up to 12 mm glass, 6 mm plastic (electrode size and Cs dependent)

Key sensitivity:

 Settable via capacitor (Cs)

Interface:

 Digital output, active high

Moisture tolerance:

 Increased moisture tolerance based on hardware design and firmware tuning

Operating Voltage:

 1.8 V – 5.5 V; 17 µA at 1.8 V typical

Package:

 6-pin SOT23-6 RoHS compliant

 8-pin UDFN/USON RoHS compliant

Signal processing:

 Self-calibration, auto drift compensation, noise filtering

 Infinite max on-duration

Applications:

 Control panels, consumer appliances, proximity sensor applications, toys,lighting controls, mechanical switch or button,

Patents:

 QTouch®(patented charge-transfer method)

 HeartBeat (monitors health of device)




Similar Part No. - AT42QT1011

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1011-MAH ATMEL-AT42QT1011-MAH Datasheet
290Kb / 25P
   Single-key QTouch짰 Touch Sensor IC
More results


Similar Description - AT42QT1011

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
AT42QT1012 ATMEL-AT42QT1012_10 Datasheet
369Kb / 28P
   One-channel Toggle-mode Touch Sensor IC with Power Management Functions
logo
Asahi Kasei Microsystem...
AK4160 AKM-AK4160 Datasheet
448Kb / 40P
   16-channel Capacitive Touch Sensor IC
AK4161 AKM-AK4161 Datasheet
415Kb / 12P
   6-channel Capacitive Touch Sensor IC
AK4161EN AKM-AK4161EN Datasheet
617Kb / 11P
   6-channel Capacitive Touch Sensor IC
logo
ATMEL Corporation
AT42QT2120 ATMEL-AT42QT2120 Datasheet
583Kb / 46P
   QTouch 12-channel Touch Sensor IC
AT42QT1060 ATMEL-AT42QT1060_14 Datasheet
456Kb / 36P
   Six-channel QTouch Touch Sensor IC
AT42QT1070 ATMEL-AT42QT1070 Datasheet
423Kb / 34P
   Seven-channel QTouch짰 Touch Sensor IC
AT42QT1070 ATMEL-AT42QT1070_14 Datasheet
423Kb / 34P
   Seven-channel QTouch Touch Sensor IC
AT42QT2100-AU ATMEL-AT42QT2100-AU Datasheet
478Kb / 44P
   QTouch Touch Sensor IC
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com