Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC1G66 Datasheet (PDF) - NXP Semiconductors

74HC1G66 Datasheet PDF - NXP Semiconductors
Part # 74HC1G66
Download  74HC1G66 Download

File Size   115.51 Kbytes
Page   18 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Single-pole single-throw analog switch

74HC1G66 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC1G66 Datasheet PDF - NXP Semiconductors

Part # 74HC1G66
Download  74HC1G66 Click to download

File Size   115.51 Kbytes
Page   18 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Single-pole single-throw analog switch

74HC1G66 Datasheet (HTML) - NXP Semiconductors

Back Button 74HC1G66 Datasheet HTML 1Page - NXP Semiconductors 74HC1G66 Datasheet HTML 2Page - NXP Semiconductors 74HC1G66 Datasheet HTML 3Page - NXP Semiconductors 74HC1G66 Datasheet HTML 4Page - NXP Semiconductors 74HC1G66 Datasheet HTML 5Page - NXP Semiconductors 74HC1G66 Datasheet HTML 6Page - NXP Semiconductors 74HC1G66 Datasheet HTML 7Page - NXP Semiconductors 74HC1G66 Datasheet HTML 8Page - NXP Semiconductors 74HC1G66 Datasheet HTML 9Page - NXP Semiconductors 74HC1G66 Datasheet HTML 10Page - NXP Semiconductors Next Button 

74HC1G66 Product details

General description
74HC1G66 and 74HCT1G66 are high-speed Si-gate CMOS devices. They are single-pole single-throw analog switches. The switch has two input/output pins (Yand Z) and an active HIGH enable input pin (E). When pin E is LOW, the analog switch is turned off.
The non-standard output currents are equal to those of the 74HC4066 and 74HCT4066.

Features
■ Wide supply voltage range from 2.0 V to 10.0 V for the 74HC1G66
■ Very low ON resistance:
    ◆ 45 Ω (typ.) at VCC = 4.5 V
    ◆ 30 Ω (typ.) at VCC = 6.0 V
    ◆ 25 Ω (typ.) at VCC = 9.0 V
■ High noise immunity
■ Low power dissipation
■ Multiple package options
■ ESD protection:
    ◆ HBM JESD22-A114E exceeds 2000 V
    ◆ MM JESD22-A115-A exceeds 200 V
■ Specified from −40 °C to +85 °C and −40 °C to +125 °C




Similar Part No. - 74HC1G66

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G66 PHILIPS-74HC1G66 Datasheet
102Kb / 20P
   Bilateral switch
2002 May 15
logo
Nexperia B.V. All right...
74HC1G66 NEXPERIA-74HC1G66 Datasheet
269Kb / 17P
   Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
74HC1G66-Q100 NEXPERIA-74HC1G66-Q100 Datasheet
730Kb / 19P
   Single-pole single-throw analog switch
logo
NXP Semiconductors
74HC1G66GV PHILIPS-74HC1G66GV Datasheet
102Kb / 20P
   Bilateral switch
2002 May 15
logo
Nexperia B.V. All right...
74HC1G66GV NEXPERIA-74HC1G66GV Datasheet
269Kb / 17P
   Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
More results


Similar Description - 74HC1G66

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AHC1G66-Q100 NEXPERIA-74AHC1G66-Q100 Datasheet
811Kb / 18P
   Single-pole single-throw analog switch
74AHCT1G66 NEXPERIA-74AHCT1G66 Datasheet
263Kb / 16P
   Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
74HC1G66 NEXPERIA-74HC1G66 Datasheet
269Kb / 17P
   Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
logo
NXP Semiconductors
74HC_HCT1G66 PHILIPS-74HC_HCT1G66_15 Datasheet
115Kb / 18P
   Single-pole single-throw analog switch
Rev. 04-19 December 2008
74AHC1G66 NXP-74AHC1G66 Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
logo
Nexperia B.V. All right...
74HC1G66-Q100 NEXPERIA-74HC1G66-Q100 Datasheet
730Kb / 19P
   Single-pole single-throw analog switch
74AHCAHC1G66-Q100 NEXPERIA-74AHCAHC1G66-Q100 Datasheet
262Kb / 16P
   Single-pole single-throw analog switch
Rev. 2 - 11 January 2022
logo
NXP Semiconductors
74AHC_AHCT1G66 PHILIPS-74AHC_AHCT1G66_15 Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
HEF4066B NXP-HEF4066B Datasheet
127Kb / 16P
   Quad single-pole single-throw analog switch
Rev. 7-16 November 2011
logo
Nexperia B.V. All right...
74HCT4066 NEXPERIA-74HCT4066 Datasheet
316Kb / 21P
   Quad single-pole single-throw analog switch
Rev. 10 - 8 June 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com