Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1G240GM Datasheet (PDF) - NXP Semiconductors

74AUP1G240GM Datasheet PDF - NXP Semiconductors
Part # 74AUP1G240GM
Download  74AUP1G240GM Download

File Size   107.34 Kbytes
Page   19 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Low-power inverting buffer/line driver; 3-state

74AUP1G240GM Datasheet (PDF)

Go To PDF Page Download Datasheet
74AUP1G240GM Datasheet PDF - NXP Semiconductors

Part # 74AUP1G240GM
Download  74AUP1G240GM Click to download

File Size   107.34 Kbytes
Page   19 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Low-power inverting buffer/line driver; 3-state

74AUP1G240GM Datasheet (HTML) - NXP Semiconductors

Back Button 74AUP1G240GM Datasheet HTML 1Page - NXP Semiconductors 74AUP1G240GM Datasheet HTML 2Page - NXP Semiconductors 74AUP1G240GM Datasheet HTML 3Page - NXP Semiconductors 74AUP1G240GM Datasheet HTML 4Page - NXP Semiconductors 74AUP1G240GM Datasheet HTML 5Page - NXP Semiconductors 74AUP1G240GM Datasheet HTML 6Page - NXP Semiconductors 74AUP1G240GM Datasheet HTML 7Page - NXP Semiconductors 74AUP1G240GM Datasheet HTML 8Page - NXP Semiconductors 74AUP1G240GM Datasheet HTML 9Page - NXP Semiconductors 74AUP1G240GM Datasheet HTML 10Page - NXP Semiconductors Next Button 

74AUP1G240GM Product details

General description
The 74AUP1G240 is a high-performance, low-power, low-voltage, Si-gate CMOS device, superior to most advanced CMOS compatible TTL families.
Schmitt-trigger action at all inputs makes the circuit tolerant to slower input rise and fall times across the entire VCC range from 0.8 V to 3.6 V.
This device ensures a very low static and dynamic power consumption across the entire VCC range from 0.8 V to 3.6 V.

Features
■ Wide supply voltage range from 0.8 V to 3.6 V
■ High noise immunity
■ Complies with JEDEC standards:
   ◆ JESD8-12 (0.8 V to 1.3 V)
   ◆ JESD8-11 (0.9 V to 1.65 V)
   ◆ JESD8-7 (1.2 V to 1.95 V)
   ◆ JESD8-5 (1.8 V to 2.7 V)
   ◆ JESD8-B (2.7 V to 3.6 V)
■ ESD protection:
   ◆ HBM JESD22-A114-D exceeds 5000 V
   ◆ MM JESD22-A115-A exceeds 200 V
   ◆ CDM JESD22-C101-C exceeds 1000 V
■ Low static power consumption; ICC = 0.9 µA (maximum)
■ Latch-up performance exceeds 100 mA per JESD 78 Class II
■ Inputs accept voltages up to 3.6 V
■ Low noise overshoot and undershoot < 10 % of VCC
■ Input-disable feature allows floating input conditions
■ IOFF circuitry provides partial Power-down mode operation
■ Multiple package options
■ Specified from −40 °C to +85 °C and −40 °C to +125 °C




Similar Part No. - 74AUP1G240GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G240GM PHILIPS-74AUP1G240GM Datasheet
99Kb / 19P
   Low-power inverting buffer/line driver; 3-state
Rev. 01-6 November 2006
logo
Nexperia B.V. All right...
74AUP1G240GM NEXPERIA-74AUP1G240GM Datasheet
296Kb / 20P
   Low-power inverting buffer/line driver; 3-state
Rev. 7 - 20 January 2022
More results


Similar Description - 74AUP1G240GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G240 PHILIPS-74AUP1G240 Datasheet
99Kb / 19P
   Low-power inverting buffer/line driver; 3-state
Rev. 01-6 November 2006
74AUP1G240 PHILIPS-74AUP1G240_15 Datasheet
371Kb / 23P
   Low-power inverting buffer/line driver; 3-state
Rev. 4-29 June 2012
logo
Nexperia B.V. All right...
74AUP1G240 NEXPERIA-74AUP1G240 Datasheet
296Kb / 20P
   Low-power inverting buffer/line driver; 3-state
Rev. 7 - 20 January 2022
logo
NXP Semiconductors
74AUP2G240 PHILIPS-74AUP2G240_15 Datasheet
298Kb / 25P
   Low-power dual inverting buffer/line driver; 3-state
Rev. 8-24 January 2013
74AUP2G240 NXP-74AUP2G240 Datasheet
116Kb / 20P
   Low-power dual inverting buffer/line driver; 3-state
Rev. 04-30 June 2009
logo
Nexperia B.V. All right...
74AUP2G240 NEXPERIA-74AUP2G240 Datasheet
285Kb / 19P
   Low-power dual inverting buffer/line driver; 3-state
Rev. 10 - 1 December 2020
logo
NXP Semiconductors
74AHC240 NXP-74AHC240 Datasheet
478Kb / 16P
   Octal buffer/line driver; inverting; 3-state
Rev. 2-26 November 2010
logo
Nexperia B.V. All right...
74AHCT240-Q100 NEXPERIA-74AHCT240-Q100 Datasheet
805Kb / 15P
   Octal buffer/line driver; inverting 3-state
logo
NXP Semiconductors
74HC_HCT366 PHILIPS-74HC_HCT366_15 Datasheet
150Kb / 21P
   Hex buffer/line driver; 3-state; inverting
Rev. 4-4 September 2012
logo
Nexperia B.V. All right...
74HC540 NEXPERIA-74HC540 Datasheet
268Kb / 15P
   Octal buffer/line driver; 3-state; inverting
Rev. 6 - 19 October 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com