Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D20TD Datasheet (PDF) - Schurter Inc.

D20TD Datasheet PDF - Schurter Inc.
Part # D20TD
Download  D20TD Download

File Size   373.72 Kbytes
Page   3 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description Miniature Fuse, 10.3 x 38 mm, Super-Time-Lag TT, 250 VAC

D20TD Datasheet (PDF)

Go To PDF Page Download Datasheet
D20TD Datasheet PDF - Schurter Inc.

Part # D20TD
Download  D20TD Click to download

File Size   373.72 Kbytes
Page   3 Pages
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.
Description Miniature Fuse, 10.3 x 38 mm, Super-Time-Lag TT, 250 VAC

D20TD Datasheet (HTML) - Schurter Inc.

D20TD Datasheet HTML 1Page - Schurter Inc. D20TD Datasheet HTML 2Page - Schurter Inc. D20TD Datasheet HTML 3Page - Schurter Inc.



Similar Part No. - D20TD

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
D20TD SCHURTER-D20TD Datasheet
201Kb / 2P
   Miniature Fuse, 10.3 x 38 mm, Super-Time-Lag TT, 250 VAC
D20TD SCHURTER-D20TD_V01 Datasheet
201Kb / 2P
   Miniature Fuse, 10.3 x 38 mm, Super-Time-Lag TT, 250 VAC
More results


Similar Description - D20TD

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
D20TD SCHURTER-D20TD_V01 Datasheet
201Kb / 2P
   Miniature Fuse, 10.3 x 38 mm, Super-Time-Lag TT, 250 VAC
FTT5X20 SCHURTER-FTT5X20_V02 Datasheet
262Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
04.01.2022
FTT5X20 SCHURTER-FTT5X20 Datasheet
247Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
00345031 SCHURTER-00345031 Datasheet
285Kb / 2P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
D8TD SCHURTER-D8TD Datasheet
257Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Super-Time-Lag TT, NNO, 220 VAC
D1TD SCHURTER-D1TD Datasheet
476Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, NF, 220 VAC
D1TD SCHURTER-D1TD_18 Datasheet
281Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, NF, 220 VAC
D8TD SCHURTER-D8TD_13 Datasheet
224Kb / 2P
   Miniature Fuse, 6.3 x 32 mm, Super-Time-Lag TT, NNO, 220 VAC
D1TD SCHURTER-D1TD_V02 Datasheet
180Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, NF, 220 VAC
04.01.2022
D20K SCHURTER-D20K Datasheet
333Kb / 2P
   Miniature Fuse, 10.3 x 38 mm, Quick-Acting F, 250 VAC
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com