Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JY-12HE-KP Datasheet (PDF) - Fujitsu Component Limited.

JY-12HE-KP Datasheet PDF - Fujitsu Component Limited.
Part # JY-12HE-KP
Download  JY-12HE-KP Download

File Size   348.84 Kbytes
Page   8 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description POWER RELAY 1 POLE-3, 5 A (MEDIUM LOAD CONTROL)

JY-12HE-KP Datasheet (PDF)

Go To PDF Page Download Datasheet
JY-12HE-KP Datasheet PDF - Fujitsu Component Limited.

Part # JY-12HE-KP
Download  JY-12HE-KP Click to download

File Size   348.84 Kbytes
Page   8 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description POWER RELAY 1 POLE-3, 5 A (MEDIUM LOAD CONTROL)

JY-12HE-KP Datasheet (HTML) - Fujitsu Component Limited.

JY-12HE-KP Datasheet HTML 1Page - Fujitsu Component Limited. JY-12HE-KP Datasheet HTML 2Page - Fujitsu Component Limited. JY-12HE-KP Datasheet HTML 3Page - Fujitsu Component Limited. JY-12HE-KP Datasheet HTML 4Page - Fujitsu Component Limited. JY-12HE-KP Datasheet HTML 5Page - Fujitsu Component Limited. JY-12HE-KP Datasheet HTML 6Page - Fujitsu Component Limited. JY-12HE-KP Datasheet HTML 7Page - Fujitsu Component Limited. JY-12HE-KP Datasheet HTML 8Page - Fujitsu Component Limited.



Similar Part No. - JY-12HE-KP

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
JY-12HE-KP LITEON-JY-12HE-KP Datasheet
368Kb / 8P
   POWER RELAY 1 POLE - 3, 5A Medium Load Control JY Series
More results


Similar Description - JY-12HE-KP

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
JV-12-KT FUJITSU-JV-12-KT Datasheet
404Kb / 7P
   POWER RELAY 1 POLE - 5 A (MEDIUM LOAD CONTROL)
VE-24H FUJITSU-VE-24H Datasheet
127Kb / 6P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
VE-12HMSE-K-HV-VD FUJITSU-VE-12HMSE-K-HV-VD Datasheet
358Kb / 8P
   POWER RELAY 1 POLE-5 A (MEDIUM LOAD CONTROL)
FBR160 FUJITSU-FBR160 Datasheet
327Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A (Medium Load Control)
LZ-B12HMSE-KHV-UC FUJITSU-LZ-B12HMSE-KHV-UC Datasheet
424Kb / 10P
   POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
VB-12SMBU-5 FUJITSU-VB-12SMBU-5 Datasheet
483Kb / 9P
   POWER RELAY 2 POLE-5 A (MEDIUM LOAD CONTROL)
JS-5M-K-V3 FUJITSU-JS-5M-K-V3 Datasheet
740Kb / 9P
   POWER RELAY 1 POLE-8 A (MEDIUM LOAD CONTROL)
logo
Lite-On Technology Corp...
LZ-12H-K LITEON-LZ-12H-K Datasheet
514Kb / 10P
   POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
LZ-24H-C LITEON-LZ-24H-C Datasheet
482Kb / 11P
   POWER RELAY 1 POLE - 1/3/5/10A Medium Load Control LZ Series
logo
List of Unclassifed Man...
JV-KS ETC1-JV-KS Datasheet
1Mb / 7P
   POWER RELAY 1 POLE - 10A Medium Load Control
More results




About Fujitsu Component Limited.


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com