Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-K1-L Datasheet (PDF) - Fujitsu Component Limited.

FTR-K1-L Datasheet PDF - Fujitsu Component Limited.
Part # FTR-K1-L
Download  FTR-K1-L Download

File Size   418.06 Kbytes
Page   6 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description POWER RELAY 1 POLE - 16A / Inrush 80A type

FTR-K1-L Datasheet (PDF)

Go To PDF Page Download Datasheet
FTR-K1-L Datasheet PDF - Fujitsu Component Limited.

Part # FTR-K1-L
Download  FTR-K1-L Click to download

File Size   418.06 Kbytes
Page   6 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description POWER RELAY 1 POLE - 16A / Inrush 80A type

FTR-K1-L Datasheet (HTML) - Fujitsu Component Limited.

FTR-K1-L Datasheet HTML 1Page - Fujitsu Component Limited. FTR-K1-L Datasheet HTML 2Page - Fujitsu Component Limited. FTR-K1-L Datasheet HTML 3Page - Fujitsu Component Limited. FTR-K1-L Datasheet HTML 4Page - Fujitsu Component Limited. FTR-K1-L Datasheet HTML 5Page - Fujitsu Component Limited. FTR-K1-L Datasheet HTML 6Page - Fujitsu Component Limited.



Similar Part No. - FTR-K1-L

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K1-105C FUJITSU-FTR-K1-105C Datasheet
623Kb / 8P
   POWER RELAY 1 POLE - 16A 105C
FTR-K1-10A FUJITSU-FTR-K1-10A Datasheet
536Kb / 8P
   POWER RELAY 1 POLE - 10A High Sensitivity
FTR-K1-12A FUJITSU-FTR-K1-12A Datasheet
592Kb / 9P
   POWER RELAY 1 POLE - 12A
FTR-K1-16A FUJITSU-FTR-K1-16A Datasheet
621Kb / 8P
   POWER RELAY 1 POLE - 16A Silver Nickel Contact
FTR-K1-17A FUJITSU-FTR-K1-17A Datasheet
603Kb / 8P
   POWER RELAY 1 POLE - 17A Tab Terminal
More results


Similar Description - FTR-K1-L

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K1-KS FUJITSU-FTR-K1-KS Datasheet
396Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 120A relay
FTR-K1KW FUJITSU-FTR-K1KW Datasheet
939Kb / 8P
   POWER RELAY 1 POLE - 16A Sealed Type
FTR-K1-105C FUJITSU-FTR-K1-105C Datasheet
623Kb / 8P
   POWER RELAY 1 POLE - 16A 105C
FTR-K2 FUJITSU-FTR-K2 Datasheet
556Kb / 8P
   POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
FTR-H3 FUJITSU-FTR-H3_10 Datasheet
664Kb / 7P
   SILENT POWER RELAY 1 POLE - 78A/120A Inrush Current Type
FTR-H3 FUJITSU-FTR-H3_07 Datasheet
451Kb / 7P
   SILENT POWER RELAY 1 POLE- 78A/120A INRUSH CURRENT TYPE
FTR-K1-16A FUJITSU-FTR-K1-16A Datasheet
621Kb / 8P
   POWER RELAY 1 POLE - 16A Silver Nickel Contact
FTR-K1-TC FUJITSU-FTR-K1-TC Datasheet
824Kb / 14P
   POWER RELAY 1 POLE - 16A/12A/10A Transparent cover
JS-12MN-KS FUJITSU-JS-12MN-KS Datasheet
546Kb / 7P
   POWER RELAY 1 POLE-8A (65 A HIGH INRUSH CURRENT)
logo
List of Unclassifed Man...
JQX115-F ETC1-JQX115-F Datasheet
88Kb / 2P
   16A 1 POLE PC BOARD TYPE
More results




About Fujitsu Component Limited.


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com