Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4531 Datasheet (PDF) - NXP Semiconductors

1N4531 Datasheet PDF - NXP Semiconductors
Part # 1N4531
Download  1N4531 Download
File Size   127.38 Kbytes
Page   9 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description High-speed diodes

1N4531 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4531 Datasheet PDF - NXP Semiconductors

Part # 1N4531
Download  1N4531 Click to download

File Size   127.38 Kbytes
Page   9 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description High-speed diodes

1N4531 Datasheet (HTML) - NXP Semiconductors


1N4531 Product details

DESCRIPTION
The 1N4531, 1N4532 are high-speed switching diodes fabricated in planar technology, and encapsulated in hermetically sealed leaded glass SOD68 (DO-34) packages.

FEATURES
• Hermetically sealed leaded glass
    SOD68 (DO-34) package
• High switching speed: max. 4 ns
• Continuous reverse voltage:
    max. 75 V
• Repetitive peak reverse voltage:
    max. 75 V
• Repetitive peak forward current:
    max. 450 mA.

APPLICATIONS
• High-speed switching
• Protection diodes in reed relays.




Similar Part No. - 1N4531

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
147Kb / 3P
COMPUTER DIODE Switching
logo
New Jersey Semi-Conduct...
1N4531 NJSEMI-1N4531 Datasheet
44Kb / 1P
Small Signal Devices
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
102Kb / 19P
PERFORMANCE SPECIFICATION
logo
New Jersey Semi-Conduct...
1N4531 NJSEMI-1N4531 Datasheet
44Kb / 1P
Small Signal Devices
logo
Rohm
1N4531 ROHM-1N4531 Datasheet
38Kb / 3P
Switching diode
More results


Similar Description - 1N4531

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA316 PHILIPS-BA316 Datasheet
39Kb / 7P
High-speed diodes
1996 Sep 03
1N4148113 NXP-1N4148113 Datasheet
128Kb / 9P
High-speed diodes
2004 Aug 10
PMLL4148 PHILIPS-PMLL4148 Datasheet
51Kb / 8P
High-speed diodes
1999 May 27
PMLL4150 PHILIPS-PMLL4150 Datasheet
37Kb / 9P
High-speed diodes
1996 Sep 18
1N4150 PHILIPS-1N4150 Datasheet
53Kb / 8P
High-speed diodes
1999 Jun 01
1N4148 NXP-1N4148 Datasheet
128Kb / 9P
High-speed diodes
2004 Aug 10
1N4531 PHILIPS-1N4531_15 Datasheet
127Kb / 9P
High-speed diodes
1996 Sep 03
1N4446 PHILIPS-1N4446 Datasheet
69Kb / 7P
High-speed diodes
1996 Apr 15
1N4148 PHILIPS-1N4148 Datasheet
57Kb / 8P
High-speed diodes
1999 May 25
1N4148_1N4448 PHILIPS-1N4148_1N4448_15 Datasheet
128Kb / 9P
High-speed diodes
2004 Aug 10
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com