Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X84041 Datasheet (PDF) - Xicor Inc.

X84041 Datasheet PDF - Xicor Inc.
Part # X84041
Download  X84041 Download

File Size   67.02 Kbytes
Page   13 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description Micro Port Saver E2PROM

X84041 Datasheet (PDF)

Go To PDF Page Download Datasheet
X84041 Datasheet PDF - Xicor Inc.

Part # X84041
Download  X84041 Click to download

File Size   67.02 Kbytes
Page   13 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description Micro Port Saver E2PROM

X84041 Datasheet (HTML) - Xicor Inc.


X84041 Product details

DESCRIPTION
The X84041 Micro Port Saver is a 4096-bit CMOS E2PROM designed for a direct interface to port limited microcontroller or I/O limited microprocessor designs. The X84041 provides all of the benefits of serial memories, such as low cost, low power, low voltage operation, and small package size, while featuring higher data transfer rates and reduced interface code requirements—without the need for a dedicated serial bus. The X84041 is organized as a 512 x 8, but is also suitable in 16-bit or 32-bit environments, due to the bit serial nature of the interface.

FEATURES
• Direct Interface to Micros
    —Eliminates I/O port requirements
    —No interface glue logic required
    —Eliminates need for parallel to serial converters
• 3.3Mbps data transfer rate
• Low Power CMOS
    —2.7V to 5.5V Operation
    —Standby Current Less than 50µA
    —Active Current Less than 1mA
• 45ns Read Access Time
• 8-Byte Page Write Mode
• Typical Nonvolatile Write Cycle Time: 5ms
• High Reliability
    —100,000 Endurance Cycles
    —Guaranteed Data Retention: 100 Years
• 8-Lead PDIP, 8-Lead SOIC, and 14-Lead TSSOP Packages




Similar Part No. - X84041

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X84128 ICMIC-X84128 Datasheet
563Kb / 22P
   Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection
X84128-1.8 ICMIC-X84128-1.8 Datasheet
563Kb / 22P
   Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection
X84128-2.5 ICMIC-X84128-2.5 Datasheet
563Kb / 22P
   Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection
X84128E ICMIC-X84128E Datasheet
563Kb / 22P
   Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection
X84128E-1.8 ICMIC-X84128E-1.8 Datasheet
563Kb / 22P
   Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection
More results


Similar Description - X84041

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
799-070 GLENAIR-799-070 Datasheet
1Mb / 7P
   Micro-Crimp connector saver
logo
IC MICROSYSTEMS
X84160 ICMIC-X84160 Datasheet
563Kb / 22P
   Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection
X84161 ICMIC-X84161 Datasheet
147Kb / 18P
   關Port Saver EEPROM
logo
Glenair, Inc.
942-021 GLENAIR-942-021 Datasheet
225Kb / 2P
   Connector Saver
logo
Mallory performance clu...
PN8984 MALLORY-PN8984 Datasheet
240Kb / 2P
   Starter Saver
logo
Renesas Technology Corp
SLG4B41337V RENESAS-SLG4B41337V Datasheet
791Kb / 13P
   Battery Saver
February 25, 2022
logo
STMicroelectronics
GSCC-7007BS STMICROELECTRONICS-GSCC-7007BS Datasheet
41Kb / 3P
   BATTERY SAVER
logo
Glenair, Inc.
942-003 GLENAIR-942-003 Datasheet
189Kb / 2P
   Connector Saver
942-021NF25-20 GLENAIR-942-021NF25-20 Datasheet
398Kb / 2P
   Connector Saver
942-005 GLENAIR-942-005 Datasheet
227Kb / 2P
   Connector Saver
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com