Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ33 Datasheet (PDF) - Silicon Standard Corp.

SMBJ33 Datasheet PDF - Silicon Standard Corp.
Part # SMBJ33
Download  SMBJ33 Download

File Size   801.95 Kbytes
Page   4 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description Transient Voltage Suppressors

SMBJ33 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMBJ33 Datasheet PDF - Silicon Standard Corp.

Part # SMBJ33
Download  SMBJ33 Click to download

File Size   801.95 Kbytes
Page   4 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description Transient Voltage Suppressors

SMBJ33 Datasheet (HTML) - Silicon Standard Corp.

SMBJ33 Datasheet HTML 1Page - Silicon Standard Corp. SMBJ33 Datasheet HTML 2Page - Silicon Standard Corp. SMBJ33 Datasheet HTML 3Page - Silicon Standard Corp. SMBJ33 Datasheet HTML 4Page - Silicon Standard Corp.

SMBJ33 Product details

PRODUCT SUMMARY

  Stand-off Voltage ratings from 5.0V to 440V

  Peak pulse power 600W in SMB surface-mount package

 

FEATURES

• Plastic package has Underwriters Laboratory Flammability Classification 94V-0

• Low profile package with built-in strain relief for surface-mount

• Glass passivated junction

• Low incremental surge resistance, excellent clamping capability

• Peak pulse power capability of 600W with a 10/1000us waveform, repetition rate (duty cycle): 0.01%

• Very fast response time

• High temperature soldering guaranteed: 260°C for 10 seconds at terminals



 




Similar Part No. - SMBJ33

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMBJ33 SOCAY-SMBJ33 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Jinan Gude Electronic D...
SMBJ33 JGD-SMBJ33 Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMBJ33 MICROSEMI-SMBJ33 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
logo
DAESAN ELECTRONIC CORP.
SMBJ33 DAESAN-SMBJ33 Datasheet
709Kb / 4P
   POWER 600Watts VOLTAGE 5.0 to 188 Volts
logo
Jiangsu High diode Semi...
SMBJ33 HDSEMI-SMBJ33 Datasheet
1Mb / 7P
   SMB Plastic-Encapsulate Diodes
More results


Similar Description - SMBJ33

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com