Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBL02 Datasheet (PDF) - Silicon Standard Corp.

GBL02 Datasheet PDF - Silicon Standard Corp.
Part # GBL02
Download  GBL02 Download

File Size   305.03 Kbytes
Page   2 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description Glass Passivated Single-Phase Bridge Rectifiers

GBL02 Datasheet (PDF)

Go To PDF Page Download Datasheet
GBL02 Datasheet PDF - Silicon Standard Corp.

Part # GBL02
Download  GBL02 Click to download

File Size   305.03 Kbytes
Page   2 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description Glass Passivated Single-Phase Bridge Rectifiers

GBL02 Datasheet (HTML) - Silicon Standard Corp.

GBL02 Datasheet HTML 1Page - Silicon Standard Corp. GBL02 Datasheet HTML 2Page - Silicon Standard Corp.

GBL02 Product details

PRODUCT SUMMARY
   Reverse Voltage 50 to 1000 Volts
   Forward Current 4.0 Amperes

FEATURES
   Ideal for printed circuit boards
   High surge current capability
   Typical IR less than 0.1µA
   High case dielectric strength
   Solder Dip 260 oC, 40 seconds




Similar Part No. - GBL02

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBL02 WTE-GBL02 Datasheet
40Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
GBL02 CHENG-YI-GBL02 Datasheet
149Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Diode Semiconductor Kor...
GBL02 DSK-GBL02 Datasheet
107Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
General Semiconductor
GBL02 GE-GBL02 Datasheet
90Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Gulf Semiconductor
GBL02 GULFSEMI-GBL02 Datasheet
180Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:4.0A
More results


Similar Description - GBL02

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
GBJ25005 CDIL-GBJ25005 Datasheet
225Kb / 3P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS10KL60 TSC-TS10KL60_14 Datasheet
180Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
List of Unclassifed Man...
GBU2D ETC2-GBU2D Datasheet
146Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SGBU4D ETC2-SGBU4D Datasheet
147Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SKBJ402 ETC2-SKBJ402 Datasheet
158Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBPC35 ETC2-GBPC35 Datasheet
220Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBJ8D ETC2-GBJ8D Datasheet
165Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBJ15D ETC2-GBJ15D Datasheet
167Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
logo
SiPower Inc.
ABS2F SIPOWER-ABS2F Datasheet
549Kb / 3P
   Single Phase Glass Passivated Bridge Rectifiers
logo
New Jersey Semi-Conduct...
GBPC15005 NJSEMI-GBPC15005 Datasheet
156Kb / 2P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com