Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTD113ZK Datasheet (PDF) - Rohm

DTD113ZK Datasheet PDF - Rohm
Part # DTD113ZK
Download  DTD113ZK Download

File Size   145.31 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 500mA / 50V Digital transistors

DTD113ZK Datasheet (PDF)

Go To PDF Page Download Datasheet
DTD113ZK Datasheet PDF - Rohm

Part # DTD113ZK
Download  DTD113ZK Click to download

File Size   145.31 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 500mA / 50V Digital transistors

DTD113ZK Datasheet (HTML) - Rohm

DTD113ZK Datasheet HTML 1Page - Rohm DTD113ZK Datasheet HTML 2Page - Rohm DTD113ZK Datasheet HTML 3Page - Rohm DTD113ZK Datasheet HTML 4Page - Rohm



Similar Part No. - DTD113ZK

ManufacturerPart #DatasheetDescription
logo
Rohm
DTD113ZK ROHM-DTD113ZK Datasheet
77Kb / 4P
   Digital transistors (built-in resistors)
DTD113ZK ROHM-DTD113ZK Datasheet
76Kb / 4P
   500mA / 50V Digital transistors (with built-in resistors)
DTD113ZK ROHM-DTD113ZK Datasheet
359Kb / 7P
   NPN 500mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTD113ZK ROHM-DTD113ZK Datasheet
359Kb / 7P
   NPN 500mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTD113ZK ROHM-DTD113ZK Datasheet
1Mb / 8P
   500mA/50V Digital transistor
More results


Similar Description - DTD113ZK

ManufacturerPart #DatasheetDescription
logo
Rohm
DTD143EK ROHM-DTD143EK_12 Datasheet
370Kb / 7P
   NPN 500mA 50V Digital Transistors
DTD123YK ROHM-DTD123YK_12 Datasheet
372Kb / 7P
   NPN 500mA 50V Digital Transistors
DTD114GK ROHM-DTD114GK_12 Datasheet
336Kb / 6P
   NPN 500mA 50V Digital Transistors
DTD114EKT146 ROHM-DTD114EKT146 Datasheet
433Kb / 6P
   NPN 500mA 50V Digital Transistors
DTD113EK ROHM-DTD113EK_12 Datasheet
385Kb / 7P
   NPN 500mA 50V Digital Transistors
DTB143ECT216 ROHM-DTB143ECT216 Datasheet
520Kb / 6P
   PNP -500mA -50V Digital Transistors
DTB123EK ROHM-DTB123EK_15 Datasheet
911Kb / 9P
   -500mA/-50V Digital transistor
DTB113EC ROHM-DTB113EC Datasheet
1Mb / 8P
   -500mA/-50V Digital transistor
DTB113ZK ROHM-DTB113ZK_15 Datasheet
921Kb / 9P
   500mA/-50V Digital transistor
DTD114EC ROHM-DTD114EC Datasheet
1Mb / 8P
   500mA/50V Digital transistor
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com