Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGL35N120FTD Datasheet (PDF) - Fairchild Semiconductor

FGL35N120FTD Datasheet PDF - Fairchild Semiconductor
Part # FGL35N120FTD
Download  FGL35N120FTD Download
File Size   732.96 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 1200V, 35A Trench IGBT

FGL35N120FTD Datasheet (PDF)

Go To PDF Page Download Datasheet
FGL35N120FTD Datasheet PDF - Fairchild Semiconductor

Part # FGL35N120FTD
Download  FGL35N120FTD Click to download

File Size   732.96 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 1200V, 35A Trench IGBT

FGL35N120FTD Datasheet (HTML) - Fairchild Semiconductor


FGL35N120FTD Product details

General Description
Using advanced field stop trench IGBT technology, Fairchild’s 1200V trench IGBTs offer the optimum performance for hard switching application such as solar inverter, UPS, welder applications.

Features
• Field Stop Trench Technology
• High Speed Switching
• Low Saturation Voltage: VCE(sat) = 1.68 V @ IC = 35 A
• High Input Impedance

Applications
• Solar Inverter, UPS, Welder, PFC




Similar Part No. - FGL35N120FTD

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
FGL.1L.306.KLAC45Z LEMO-FGL.1L.306.KLAC45Z Datasheet
77Kb / 3P
Plug - Straight
FGL.1L.306.KLAC60Z LEMO-FGL.1L.306.KLAC60Z Datasheet
77Kb / 3P
Plug - Straight
FGL.1L.306.KLAC65Z LEMO-FGL.1L.306.KLAC65Z Datasheet
76Kb / 2P
Plug - Straight
FGL.1L.306.KLAT46Y LEMO-FGL.1L.306.KLAT46Y Datasheet
82Kb / 3P
Plug - Straight
FGL.1L.306.KLAT61K LEMO-FGL.1L.306.KLAT61K Datasheet
82Kb / 3P
Plug - Straight
More results


Similar Description - FGL35N120FTD

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBI35S-120 FUJI-6MBI35S-120 Datasheet
498Kb / 4P
IGBT(1200V/35A)
7MBR35SB120 FUJI-7MBR35SB120 Datasheet
559Kb / 7P
IGBT(1200V/35A/PIM)
logo
Renesas Technology Corp
RJH1CV7DPK RENESAS-RJH1CV7DPK_15 Datasheet
126Kb / 10P
1200V - 35A - IGBT Application: Inverter
RJH1CV7DPK RENESAS-RJH1CV7DPK Datasheet
126Kb / 10P
1200V - 35A - IGBT Application: Inverter
RJH1CV7DPQ-E0 RENESAS-RJH1CV7DPQ-E0_15 Datasheet
126Kb / 10P
1200V - 35A - IGBT Application: Inverter
RJH1CV7DPQ-E0 RENESAS-RJH1CV7DPQ-E0 Datasheet
59Kb / 4P
1200V - 35A - IGBT Application: Inverter
RJH1CV7DPQ-E0 RENESAS-RJH1CV7DPQ-E0_13 Datasheet
186Kb / 10P
1200V - 35A - IGBT Application: Inverter
logo
Fairchild Semiconductor
FGA25N12ANTD FAIRCHILD-FGA25N12ANTD Datasheet
861Kb / 9P
1200V NPT Trench IGBT
FGA25N120ANTD FAIRCHILD-FGA25N120ANTD_07 Datasheet
658Kb / 9P
1200V NPT Trench IGBT
FGA20N120FTD FAIRCHILD-FGA20N120FTD Datasheet
721Kb / 9P
1200V, 20A Trench IGBT
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com