Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RUL035N02 Datasheet (PDF) - Rohm

RUL035N02 Datasheet PDF - Rohm
Part # RUL035N02
Download  RUL035N02 Download

File Size   107.93 Kbytes
Page   5 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 1.5V Drive Nch MOSFET

RUL035N02 Datasheet (PDF)

Go To PDF Page Download Datasheet
RUL035N02 Datasheet PDF - Rohm

Part # RUL035N02
Download  RUL035N02 Click to download

File Size   107.93 Kbytes
Page   5 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 1.5V Drive Nch MOSFET

RUL035N02 Datasheet (HTML) - Rohm

RUL035N02 Datasheet HTML 1Page - Rohm RUL035N02 Datasheet HTML 2Page - Rohm RUL035N02 Datasheet HTML 3Page - Rohm RUL035N02 Datasheet HTML 4Page - Rohm RUL035N02 Datasheet HTML 5Page - Rohm

RUL035N02 Product details

■ MOSFETs
   ● Small Signal MOSFET Series
   ● Middle Power MOSFET Series
   ● Power MOSFET Series
■ Selector Guide for Automotive MOSFETs (AEC-Q101)
■ Bipolar Transistors (Surface mount type)
■ Transistor Array
■ Complex Bipolar Transistors
■ Digital Transistors
■ Complex Digital Transistors
■ Packages
■ Part No. Explanation
            ISO/TS 16949-approved




Similar Part No. - RUL035N02

ManufacturerPart #DatasheetDescription
logo
Rohm
RUL035N02FRA ROHM-RUL035N02FRA Datasheet
951Kb / 14P
   Nch 20V 3.5A Power MOSFET
RUL035N02TR ROHM-RUL035N02TR Datasheet
727Kb / 12P
   Low on - resistance.
More results


Similar Description - RUL035N02

ManufacturerPart #DatasheetDescription
logo
Rohm
RUQ050N02 ROHM-RUQ050N02_10 Datasheet
1Mb / 5P
   1.5V Drive Nch MOSFET
RUQ050N02 ROHM-RUQ050N02 Datasheet
111Kb / 5P
   1.5V Drive Nch MOSFET
RUR020N02 ROHM-RUR020N02 Datasheet
235Kb / 5P
   1.5V Drive Nch MOSFET
RW1C020UN ROHM-RW1C020UN Datasheet
230Kb / 5P
   1.5V Drive Nch MOSFET
TT8K1 ROHM-TT8K1 Datasheet
312Kb / 6P
   1.5V Drive Nch MOSFET
RUF025N02 ROHM-RUF025N02 Datasheet
109Kb / 5P
   1.5V Drive Nch MOSFET
logo
Vectron International, ...
RUR040N02 VECTRON-RUR040N02 Datasheet
104Kb / 5P
   1.5V Drive Nch MOSFET
logo
Rohm
RUR040N02TL ROHM-RUR040N02TL Datasheet
107Kb / 5P
   1.5V Drive Nch MOSFET
RUF020N02 ROHM-RUF020N02 Datasheet
235Kb / 5P
   1.5V Drive Nch MOSFET
RW1C015UN ROHM-RW1C015UN Datasheet
231Kb / 5P
   1.5V Drive Nch MOSFET
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com