Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC143TUB Datasheet (PDF) - Rohm

DTC143TUB Datasheet PDF - Rohm
Part # DTC143TUB
Download  DTC143TUB Download

File Size   84.38 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 100mA / 50V Digital transistors

DTC143TUB Datasheet (PDF)

Go To PDF Page Download Datasheet
DTC143TUB Datasheet PDF - Rohm

Part # DTC143TUB
Download  DTC143TUB Click to download

File Size   84.38 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 100mA / 50V Digital transistors

DTC143TUB Datasheet (HTML) - Rohm

DTC143TUB Datasheet HTML 1Page - Rohm DTC143TUB Datasheet HTML 2Page - Rohm DTC143TUB Datasheet HTML 3Page - Rohm

DTC143TUB Product details

Features
1) Built-In Biasing Resistor
2) Built-in bias resistors enable the configuration of
   an inverter circuit without connecting external
   input resistors (see inner circuit) .
3) The bias resistors consist of thin-film resistors
   with complete isolation to allow negative biasing
   of the input. They also have the advantage of
   completely eliminating parasitic effects.
4) Only the on/off conditions need to be set
   for operation, making the circuit design easy.
5) Complementary PNP Types: DTA143T series
6) Complex transistors: EMH3/ UMH3N/ IMH3A/
   EMG3/ UMG3N/ FMG3A (PNP type)
7) Lead Free/RoHS Compliant.

Application
   Switching circuit, Inverter circuit, Interface circuit, Driver circuit




Similar Part No. - DTC143TUB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC143TUB ROHM-DTC143TUB Datasheet
1Mb / 11P
   NPN 100mA 50V Digital Transistors
More results


Similar Description - DTC143TUB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA114YEB ROHM-DTA114YEB Datasheet
65Kb / 3P
   -100mA / -50V Digital transistors
DTA124EEB ROHM-DTA124EEB Datasheet
80Kb / 3P
   -100mA / -50V Digital transistors
DTA143XEB ROHM-DTA143XEB Datasheet
158Kb / 3P
   -100mA / -50V Digital transistors
DTA143ZEB ROHM-DTA143ZEB Datasheet
80Kb / 3P
   -100mA / -50V Digital transistors
DTA143ZUB ROHM-DTA143ZUB Datasheet
101Kb / 3P
   -100mA / -50V Digital transistors
DTC144EUB ROHM-DTC144EUB Datasheet
84Kb / 3P
   100mA / 50V Digital transistors
DTC143ZUB ROHM-DTC143ZUB Datasheet
85Kb / 3P
   100mA / 50V Digital transistors
DTA143XUB ROHM-DTA143XUB Datasheet
160Kb / 3P
   -100mA / -50V Digital transistors
DTC124EEB ROHM-DTC124EEB Datasheet
158Kb / 3P
   100mA / 50V Digital transistors
DTA143XE ROHM-DTA143XE_09 Datasheet
147Kb / 3P
   -100mA /-50V Digital transistors
DTA114EUB ROHM-DTA114EUB Datasheet
158Kb / 3P
   -100mA / -50V Digital transistors
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com