Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA0207A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TA0207A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TA0207A
Download  TA0207A Download

File Size   537.5 Kbytes
Page   6 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 1960MHz SMD 2.5X2.0 mm

TA0207A Datasheet (PDF)

Go To PDF Page Download Datasheet
TA0207A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0207A
Download  TA0207A Click to download

File Size   537.5 Kbytes
Page   6 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 1960MHz SMD 2.5X2.0 mm

TA0207A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TA0207A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0207A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0207A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0207A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0207A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0207A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.

TA0207A Product details

MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC voltage: 0 V
3. Operating Temperature: -25°C to +75°C
4. Storage Temperature: -40°C to +85°C




Similar Part No. - TA0207A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA0207A GOLLEDGE-TA0207A Datasheet
339Kb / 5P
   SAW Filter 1960MHz
More results


Similar Description - TA0207A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0175A TAI-SAW-TA0175A Datasheet
430Kb / 6P
   SAW Filter 1960MHz SMD 3.0 mm SQ
TA0402A TAI-SAW-TA0402A Datasheet
497Kb / 7P
   SAW Filter 2140MHz SMD 2.5X2.0 mm
TA0788A TAI-SAW-TA0788A Datasheet
572Kb / 8P
   SAW Filter 1642.5MHz SMD 2.5X2.0 mm
TA0426A TAI-SAW-TA0426A Datasheet
507Kb / 7P
   SAW Filter 1642.5MHz SMD 2.5X2.0 mm
TA0680A TAI-SAW-TA0680A Datasheet
329Kb / 7P
   SAW Filter 867.5MHz SMD 2.5X2.0 mm
logo
Abracon Corporation
AFS1960S4 ABRACON-AFS1960S4 Datasheet
154Kb / 1P
   SMD 1960MHz SAW FILTER
logo
TAI-SAW TECHNOLOGY CO.,...
TA0656A TAI-SAW-TA0656A Datasheet
327Kb / 7P
   SAW Filter 1747.5MHz SMD 2.5X2.0 mm
TA0401A TAI-SAW-TA0401A Datasheet
601Kb / 7P
   SAW Filter 1950MHz SMD 2.5X2.0 mm
TA0425A TAI-SAW-TA0425A Datasheet
348Kb / 8P
   SAW Filter 1542.5 MHz SMD 2.5X2.0 mm
TA0531A TAI-SAW-TA0531A Datasheet
502Kb / 7P
   SAW Filter 1575.42 MHz SMD 2.5X2.0 mm
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com