Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D400AG-00 Datasheet (PDF) - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

D400AG-00 Datasheet PDF - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD
Part # D400AG-00
Download  D400AG-00 Download

File Size   104.4 Kbytes
Page   1 Pages
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD
Description NPN SILICON TRANSISTOR

D400AG-00 Datasheet (PDF)

Go To PDF Page Download Datasheet
D400AG-00 Datasheet PDF - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # D400AG-00
Download  D400AG-00 Click to download

File Size   104.4 Kbytes
Page   1 Pages
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD
Description NPN SILICON TRANSISTOR

D400AG-00 Datasheet (HTML) - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD


D400AG-00 Product details

13009A transistor chip

█ Introduction to the chip
    Chip size: 4 inches (100mm)
    Chip code: D400AG-00
    Chip thickness: 240±20µm
    Die size: 4000×4000µm 2
    Welding position size: B pole 783×1100µm 2 and E pole 754×1276µm 2
    Electrode metal: aluminum
    Back metal: vanadium-nickel-silver
    Typical package: KSH13009




Similar Part No. - D400AG-00

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
D400 PETERMANN-D400 Datasheet
83Kb / 7P
HIGH RELIABILITY FOR LOW COST
logo
Intel Corporation
D400 INTEL-D400 Datasheet
1Mb / 32P
Intel RealSense Depth Camera D400-Series
More results


Similar Description - D400AG-00

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com