Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D3V-16G2MK-2C4A-W2KE Datasheet (PDF) - Omron Electronics LLC

D3V-16G2MK-2C4A-W2KE Datasheet PDF - Omron Electronics LLC
Part # D3V-16G2MK-2C4A-W2KE
Download  D3V-16G2MK-2C4A-W2KE Download

File Size   1851.28 Kbytes
Page   18 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Miniature Basic Switch

D3V-16G2MK-2C4A-W2KE Datasheet (PDF)

Go To PDF Page Download Datasheet
D3V-16G2MK-2C4A-W2KE Datasheet PDF - Omron Electronics LLC

Part # D3V-16G2MK-2C4A-W2KE
Download  D3V-16G2MK-2C4A-W2KE Click to download

File Size   1851.28 Kbytes
Page   18 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Miniature Basic Switch

D3V-16G2MK-2C4A-W2KE Datasheet (HTML) - Omron Electronics LLC

Back Button D3V-16G2MK-2C4A-W2KE Datasheet HTML 1Page - Omron Electronics LLC D3V-16G2MK-2C4A-W2KE Datasheet HTML 2Page - Omron Electronics LLC D3V-16G2MK-2C4A-W2KE Datasheet HTML 3Page - Omron Electronics LLC D3V-16G2MK-2C4A-W2KE Datasheet HTML 4Page - Omron Electronics LLC D3V-16G2MK-2C4A-W2KE Datasheet HTML 5Page - Omron Electronics LLC D3V-16G2MK-2C4A-W2KE Datasheet HTML 6Page - Omron Electronics LLC D3V-16G2MK-2C4A-W2KE Datasheet HTML 7Page - Omron Electronics LLC D3V-16G2MK-2C4A-W2KE Datasheet HTML 8Page - Omron Electronics LLC D3V-16G2MK-2C4A-W2KE Datasheet HTML 9Page - Omron Electronics LLC D3V-16G2MK-2C4A-W2KE Datasheet HTML 10Page - Omron Electronics LLC Next Button 

D3V-16G2MK-2C4A-W2KE Product details

Reliable Basic Switch with External Lever

• Available by 0.1 A, 6 A, 11 A, 16 A and 21 A models, all with
   self-cleaning contacts. 0.1 A utilizes gold alloy crossbar
   contacts for high reliability at low loads.
• Available with internally or externally fitted levers, and 2 fixing
   positions for external levers.
• Conforms to EN61058-1 UL1054.
• High Temperature models rated up to 200°C (D3V-6, D3V-01)
   and 155°C (D3V-11) are available.
• RoHS Compliant.




Similar Part No. - D3V-16G2MK-2C4A-W2KE

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D3V-16 OMRON-D3V-16 Datasheet
1Mb / 16P
   Reliable Basic Switch with External Lever
D3V-16-3C25 OMRON-D3V-16-3C25 Datasheet
1Mb / 16P
   Reliable Basic Switch with External Lever
More results


Similar Description - D3V-16G2MK-2C4A-W2KE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
   Miniature Basic Switch
logo
Omron Electronics LLC
V-15-1A5 OMRON-V-15-1A5 Datasheet
256Kb / 16P
   Miniature Basic Switch
logo
List of Unclassifed Man...
V-102-1A4 ETC2-V-102-1A4 Datasheet
1Mb / 16P
   Miniature Basic Switch
logo
Omron Electronics LLC
D2MV OMRON-D2MV Datasheet
1Mb / 5P
   Miniature Basic Switch
logo
List of Unclassifed Man...
D2SW ETC-D2SW Datasheet
95Kb / 6P
   Watertight Miniature Basic Switch
logo
Honeywell Solid State E...
V5B210CB1C HONEYWELL-V5B210CB1C Datasheet
133Kb / 5P
   V5 Series Miniature Basic Switch
logo
Omron Electronics LLC
D2FC-F-7N OMRON-D2FC-F-7N Datasheet
316Kb / 6P
   Ultra Sub Miniature Basic Switch
logo
Honeywell Solid State E...
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
   MICRO SWITCH Premium Miniature Basic Switches
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com