Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBCTB47-2 Datasheet (PDF) - Dubilier

DBCTB47-2 Datasheet PDF - Dubilier
Part # DBCTB47-2
Download  DBCTB47-2 Download

File Size   79.35 Kbytes
Page   1 Pages
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier
Description TERMINAL BLOCKS 10mm PITCH PLUG IN VERTICAL OR HORIZONTAL

DBCTB47-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
DBCTB47-2 Datasheet PDF - Dubilier

Part # DBCTB47-2
Download  DBCTB47-2 Click to download

File Size   79.35 Kbytes
Page   1 Pages
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier
Description TERMINAL BLOCKS 10mm PITCH PLUG IN VERTICAL OR HORIZONTAL

DBCTB47-2 Datasheet (HTML) - Dubilier




Similar Part No. - DBCTB47-2

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB4-2 DUBILIER-DBCTB4-2 Datasheet
107Kb / 1P
   TERMINAL BLOCKS 5mm PITCH 90 MOUNT - LOW PROFILE
DBCTB4-3 DUBILIER-DBCTB4-3 Datasheet
107Kb / 1P
   TERMINAL BLOCKS 5mm PITCH 90 MOUNT - LOW PROFILE
DBCTB40-2 DUBILIER-DBCTB40-2 Datasheet
120Kb / 1P
   TERMINAL BLOCKS 3.81MM PITCH ULTRA LOW PROFILE
DBCTB40-3 DUBILIER-DBCTB40-3 Datasheet
120Kb / 1P
   TERMINAL BLOCKS 3.81MM PITCH ULTRA LOW PROFILE
DBCTB41-2 DUBILIER-DBCTB41-2 Datasheet
98Kb / 1P
   TERMINAL BLOCKS 3.5mm 3.81mm PITCH - SCREWLESS
More results


Similar Description - DBCTB47-2

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB26-12 DUBILIER-DBCTB26-12 Datasheet
122Kb / 1P
   TERMINAL BLOCKS PLUG - IN 5mm VERTICAL OR HORIZONTAL
DBCTB30-24 DUBILIER-DBCTB30-24 Datasheet
122Kb / 1P
   TERMINAL BLOCKS PLUG - IN 5mm VERTICAL OR HORIZONTAL
DBCTB48-2 DUBILIER-DBCTB48-2 Datasheet
123Kb / 1P
   TERMINAL BLOCKS 10mm PITCH VERTICAL MOUNT
DBCTB11-2-2 DUBILIER-DBCTB11-2-2 Datasheet
123Kb / 1P
   TERMINAL BLOCKS 10mm PITCH VERTICAL MOUNT
DBCTB28-2 DUBILIER-DBCTB28-2 Datasheet
420Kb / 1P
   TERMINAL BLOCKS 5mm PITCH PLUG IN
DBCTB21-2 DUBILIER-DBCTB21-2 Datasheet
480Kb / 1P
   TERMINAL BLOCKS 5.08mm PITCH PLUG IN
DBCTB65-2 DUBILIER-DBCTB65-2 Datasheet
100Kb / 1P
   TERMINAL BLOCKS 3.5mm PITCH PLUG IN
DBCTB60-2 DUBILIER-DBCTB60-2 Datasheet
98Kb / 1P
   TERMINAL BLOCKS 3.81mm PITCH PLUG IN
DBCTB49-2 DUBILIER-DBCTB49-2 Datasheet
130Kb / 1P
   TERMINAL BLOCKS 7.5mm PITCH PLUG IN
DBCTB25-2 DUBILIER-DBCTB25-2 Datasheet
112Kb / 1P
   TERMINAL BLOCKS 10mm PITCH 45 MOUNT
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com