Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB160 Datasheet (PDF) - Cystech Electonics Corp.

SB160 Datasheet PDF - Cystech Electonics Corp.
Part # SB160
Download  SB160 Download

File Size   219.44 Kbytes
Page   3 Pages
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Description Schottky Barrier Rectifiers Reverse Voltage 20V to 60V Forward Current 1.0 Amperes

SB160 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB160 Datasheet PDF - Cystech Electonics Corp.

Part # SB160
Download  SB160 Click to download

File Size   219.44 Kbytes
Page   3 Pages
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Description Schottky Barrier Rectifiers Reverse Voltage 20V to 60V Forward Current 1.0 Amperes

SB160 Datasheet (HTML) - Cystech Electonics Corp.

SB160 Datasheet HTML 1Page - Cystech Electonics Corp. SB160 Datasheet HTML 2Page - Cystech Electonics Corp. SB160 Datasheet HTML 3Page - Cystech Electonics Corp.

SB160 Product details

Reverse Voltage 20V to 60V
Forward Current 1.0 Amperes

Features
• Metal semiconductor junction with guard ring
• Epitaxial construction
• Low forward voltage drop
• High current capability
• The plastic material carries UL recognition 94V-0
• For use in low voltage, high frequency inverters,
   free wheeling, and polarity protection applications




Similar Part No. - SB160

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB160 PANJIT-SB160 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
SB160 PANJIT-SB160 Datasheet
56Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
SB160 VISHAY-SB160 Datasheet
76Kb / 5P
   Schottky Barrier Plastic Rectifier
Revision: 13-Aug-13
SB160 VISHAY-SB160 Datasheet
109Kb / 2P
   Schottky Barrier Rectifier
04-Jun-03
logo
Nanjing International G...
SB160 DGNJDZ-SB160 Datasheet
295Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results


Similar Description - SB160

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
SB520 CYSTEKEC-SB520 Datasheet
343Kb / 3P
   5.0Amp Schottky Barrier Rectifiers Reverse Voltage 20V to 60V Forward Current 5A
logo
Leshan Radio Company
CSM360A LRC-CSM360A Datasheet
847Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 3.0A
Rev.O Jun. 2021
logo
AiT Semiconductor Inc.
MBR120E AITSEMI-MBR120E Datasheet
484Kb / 5P
   SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV1.1
logo
Leshan Radio Company
LMBR120LFT1G LRC-LMBR120LFT1G Datasheet
428Kb / 11P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 60V Forward Current 1.0A
logo
First Silicon Co., Ltd
1N5817 FS-1N5817 Datasheet
764Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 20V~40V, Forward Current 1.0 Ampere
logo
Gaomi Xinghe Electronic...
10SQ045 GXELECTRONICS-10SQ045 Datasheet
374Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE -30 to 100Volts FORWARD CURRENT -10.0 Amperes
logo
First Silicon Co., Ltd
SS12F FS-SS12F Datasheet
306Kb / 2P
   1A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 20 to 200 Volts Forward Current 1.0 Amperes
logo
Leshan Radio Company
CSM260B LRC-CSM260B Datasheet
428Kb / 4P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 2.0A
Rev.O Dec. 2021
CSM360B LRC-CSM360B Datasheet
325Kb / 4P
   Surface Mount Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 3.0A
Rev.O Jun. 2022
logo
GOOD-ARK Electronics
SB320 GOOD-ARK-SB320_15 Datasheet
170Kb / 2P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 3.0 Amperes
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com