Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBCIDCC140ASB1 Datasheet (PDF) - Dubilier

DBCIDCC140ASB1 Datasheet PDF - Dubilier
Part # DBCIDCC140ASB1
Download  DBCIDCC140ASB1 Download

File Size   87.47 Kbytes
Page   1 Pages
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier
Description IDC SHROUDED LATCHED HEADER - STRAIGHT

DBCIDCC140ASB1 Datasheet (PDF)

Go To PDF Page Download Datasheet
DBCIDCC140ASB1 Datasheet PDF - Dubilier

Part # DBCIDCC140ASB1
Download  DBCIDCC140ASB1 Click to download

File Size   87.47 Kbytes
Page   1 Pages
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier
Description IDC SHROUDED LATCHED HEADER - STRAIGHT

DBCIDCC140ASB1 Datasheet (HTML) - Dubilier

DBCIDCC140ASB1 Datasheet HTML 1Page - Dubilier



Similar Part No. - DBCIDCC140ASB1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCC140ASB1 DUBILIER-DBCIDCC140ASB1 Datasheet
327Kb / 3P
   IDC SHROUDED LATCHED HEADER - STRAIGHT
More results


Similar Description - DBCIDCC140ASB1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCC110ASA1 DUBILIER-DBCIDCC110ASA1_11 Datasheet
327Kb / 3P
   IDC SHROUDED LATCHED HEADER - STRAIGHT
DBCIDCC7B10BGA1 DUBILIER-DBCIDCC7B10BGA1_11 Datasheet
452Kb / 4P
   IDC SHROUDED LATCHED HEADER STRAIGHT 1.27mm
DBCIDCC7B30BGA1 DUBILIER-DBCIDCC7B30BGA1 Datasheet
99Kb / 1P
   IDC SHROUDED LATCHED HEADER STRAIGHT 1.27mm
DBCIDCC5A26AGA1 DUBILIER-DBCIDCC5A26AGA1 Datasheet
83Kb / 1P
   IDC SHROUDED LATCHED HEADER 2.00mm
DBCIDCC42A26BG1 DUBILIER-DBCIDCC42A26BG1 Datasheet
96Kb / 1P
   IDC SHROUDED LATCHED HEADER 1.27mm
DBCIDCC5A26AGA1 DUBILIER-DBCIDCC5A26AGA1_11 Datasheet
348Kb / 3P
   IDC SHROUDED LATCHED HEADER 2.00mm
DBCIDCC1D26AGA1 DUBILIER-DBCIDCC1D26AGA1 Datasheet
89Kb / 1P
   IDC SHROUDED LATCHED HEADER - SMT 2.54mm
DBCIDCC44A26BG1 DUBILIER-DBCIDCC44A26BG1 Datasheet
94Kb / 1P
   IDC SHROUDED LATCHED HEADER SMT 1.27mm
DBCIDCC210ASA1 DUBILIER-DBCIDCC210ASA1 Datasheet
96Kb / 1P
   IDC SHROUDED LATCHED HEADER - RIGHT ANGLED
DBCIDCC43A26BG1 DUBILIER-DBCIDCC43A26BG1 Datasheet
94Kb / 1P
   IDC SHROUDED LATCHED HEADER RIGHT ANGLED 1.27mm
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com