Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N582XLA Datasheet (PDF) - Cystech Electonics Corp.

1N582XLA Datasheet PDF - Cystech Electonics Corp.
Part # 1N582XLA
Download  1N582XLA Download

File Size   139.56 Kbytes
Page   3 Pages
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Description 3.0Amp. Axial Leaded Schottky Barrier Diodes

1N582XLA Datasheet (PDF)

Go To PDF Page Download Datasheet
1N582XLA Datasheet PDF - Cystech Electonics Corp.

Part # 1N582XLA
Download  1N582XLA Click to download

File Size   139.56 Kbytes
Page   3 Pages
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Description 3.0Amp. Axial Leaded Schottky Barrier Diodes

1N582XLA Datasheet (HTML) - Cystech Electonics Corp.

1N582XLA Datasheet HTML 1Page - Cystech Electonics Corp. 1N582XLA Datasheet HTML 2Page - Cystech Electonics Corp. 1N582XLA Datasheet HTML 3Page - Cystech Electonics Corp.

1N582XLA Product details

Features
• For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications
• Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0
• Low leakage current
• High surge capability
• High temperature soldering: 250°C/10 seconds at terminals
• High reliability




Similar Part No. - 1N582XLA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N582X STMICROELECTRONICS-1N582X Datasheet
63Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
July 1999 - Ed: 2A
logo
Nantong Hornby Electron...
1N582X HORNBY-1N582X Datasheet
412Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
STMicroelectronics
1N582XRL STMICROELECTRONICS-1N582XRL Datasheet
63Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
July 1999 - Ed: 2A
More results


Similar Description - 1N582XLA

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
BAT46 SUNMATE-BAT46 Datasheet
179Kb / 2P
   150mA Axial Leaded Schottky Barrier Diodes
BAT42 SUNMATE-BAT42 Datasheet
164Kb / 2P
   200mA Axial Leaded Schottky Barrier Diodes
RB721Q SUNMATE-RB721Q Datasheet
161Kb / 1P
   30mA Axial Leaded Schottky Barrier Diodes
1SS166 SUNMATE-1SS166 Datasheet
200Kb / 2P
   15mA Axial Leaded Schottky Barrier Diodes
BAT47 SUNMATE-BAT47 Datasheet
246Kb / 1P
   350mA Axial Leaded Schottky Barrier Diodes
1N5711 SUNMATE-1N5711 Datasheet
217Kb / 2P
   15mA Axial Leaded Schottky Barrier Diodes
BAT41 SUNMATE-BAT41 Datasheet
132Kb / 2P
   100mA Axial Leaded Schottky Barrier Diodes
BAT86 SUNMATE-BAT86 Datasheet
68Kb / 1P
   0.2A Axial Leaded Schottky Barrier Diodes
SD101A SUNMATE-SD101A Datasheet
197Kb / 2P
   2.0A Axial Leaded Schottky Barrier Diodes
1SS165 SUNMATE-1SS165 Datasheet
197Kb / 2P
   15mA Axial Leaded Schottky Barrier Diodes
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com