Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK416-090-E Datasheet (PDF) - Sanyo Semicon Device

STK416-090-E Datasheet PDF - Sanyo Semicon Device
Part # STK416-090-E
Download  STK416-090-E Download

File Size   217.09 Kbytes
Page   12 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Thick-Film Hybrid IC 3-Channel Power Switching Audio Power IC, 80W80W80W

STK416-090-E Datasheet (PDF)

Go To PDF Page Download Datasheet
STK416-090-E Datasheet PDF - Sanyo Semicon Device

Part # STK416-090-E
Download  STK416-090-E Click to download

File Size   217.09 Kbytes
Page   12 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Thick-Film Hybrid IC 3-Channel Power Switching Audio Power IC, 80W80W80W

STK416-090-E Datasheet (HTML) - Sanyo Semicon Device


STK416-090-E Product details

Overview

The STK416-090-E is a class H audio power amplifier hybrid IC that features a built-in power supply switching circuit. This IC provides high efficiency audio power amplification by controlling (switching) the supply voltage supplied to the power devices according to the detectedlevel of the input audio signal.



Features

•Pin-to-pin compatible outputs ranging from 80W to 180W.

•Can be used to replace the STK415-100 series (2-channel models) and the class-AB series (2, 3-channel models) due to its pin compatibility.

•Pure complementary construction by new Darlington power transistors

•Output load impedance: RL= 8Ω to 4Ω supported

•Using insulated metal substrate that features superlative heat dissipation characteristics thatare among the highest in the industry.



Applications

•Audio power amplifiers.

 




Similar Part No. - STK416-090-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4160MK2 SANYO-STK4160MK2 Datasheet
235Kb / 4P
2ch./1packge, - Power Supply 6W/ch. ~ 100W/ch. THD=0.4%
STK4160MK5 SANYO-STK4160MK5 Datasheet
230Kb / 4P
2ch./1packge, - Power Supply 6W/ch. ~ 100W/ch. THD=0.08%?
STK4161 SANYO-STK4161 Datasheet
150Kb / 2P
2ch./1packge, - Power Supply Built-in Muting Circuit 25W/ch. ~ 70W/ch. THD=0.02%???
logo
List of Unclassifed Man...
STK4161II ETC-STK4161II Datasheet
104Kb / 2P
2-CHANNEL AF POWER AMP
logo
Sanyo Semicon Device
STK4161V SANYO-STK4161V Datasheet
247Kb / 8P
AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.08%)
More results


Similar Description - STK416-090-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK415-120-E SANYO-STK415-120-E Datasheet
186Kb / 12P
2-Channel Power Switching Audio Power IC, 80W80W
STK433-090-E SANYO-STK433-090-E Datasheet
184Kb / 11P
2-channel class AB audio power IC,80W80W
STK433-890N-E SANYO-STK433-890N-E Datasheet
264Kb / 12P
4channel class-AB Audio Power IC 80W 횞 4ch
logo
Tumbler Technologies + ...
SPU65 TRUMPOWER-SPU65 Datasheet
632Kb / 1P
50-80W Switching Power Adapters
logo
LinkCom Manufacturing C...
80W-LCCH LINKCOM-80W-LCCH Datasheet
496Kb / 4P
80W Power Supply
logo
Sanyo Semicon Device
STK433-290-E SANYO-STK433-290-E Datasheet
209Kb / 13P
Thick-Film Hybrid IC 3-channel class AB audio power IC, 3-channel class AB audio power IC,
logo
Mean Well Enterprises C...
HLP-80H MEANWELL-HLP-80H_12 Datasheet
355Kb / 4P
80W Single Output Switching Power Supply
HLG-80H MEANWELL-HLG-80H_12 Datasheet
392Kb / 6P
80W Single Output Switching Power Supply
logo
List of Unclassifed Man...
HLG-80H-24A ETC2-HLG-80H-24A Datasheet
183Kb / 7P
80W Single Output Switching Power Supply
logo
Extech Instruments Corp...
382260 EXTECH-382260_15 Datasheet
207Kb / 1P
80W Switching Mode DC Power Supply
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com