Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS-9130VW-1T1RG Datasheet (PDF) - Optoway Technology Inc

SPS-9130VW-1T1RG Datasheet PDF - Optoway Technology Inc
Part # SPS-9130VW-1T1RG
Download  SPS-9130VW-1T1RG Download

File Size   151.69 Kbytes
Page   6 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 1310 nm / 3 Gb/s Medium Power Optical SMDigital Diagnostic Transmitter/Receiver

SPS-9130VW-1T1RG Datasheet (PDF)

Go To PDF Page Download Datasheet
SPS-9130VW-1T1RG Datasheet PDF - Optoway Technology Inc

Part # SPS-9130VW-1T1RG
Download  SPS-9130VW-1T1RG Click to download

File Size   151.69 Kbytes
Page   6 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 1310 nm / 3 Gb/s Medium Power Optical SMDigital Diagnostic Transmitter/Receiver

SPS-9130VW-1T1RG Datasheet (HTML) - Optoway Technology Inc

SPS-9130VW-1T1RG Datasheet HTML 1Page - Optoway Technology Inc SPS-9130VW-1T1RG Datasheet HTML 2Page - Optoway Technology Inc SPS-9130VW-1T1RG Datasheet HTML 3Page - Optoway Technology Inc SPS-9130VW-1T1RG Datasheet HTML 4Page - Optoway Technology Inc SPS-9130VW-1T1RG Datasheet HTML 5Page - Optoway Technology Inc SPS-9130VW-1T1RG Datasheet HTML 6Page - Optoway Technology Inc

SPS-9130VW-1T1RG Product details

DESCRIPTION
The SPS-9130VW-1T1RG is a optical single mode transmitter/receiver module designed to transmit/receive optical serial digital signals as defined in SMPTE 297-2006. It supports from 50 Mbps to 3 Gbps and is specifically designed for transmitted the SMPTE 259M, SMPTE 344M, SMPTE 292M and SMPTE 424M SDI pathological patterns. It is with the SFP 20-pin connector to allow hot plug capability. Digital diagnostic functions are available via an I2C. It is with 1310 nm laser transmitters. The transmitter can transmit signal from 50 Mbps to 3 Gbps with up to 30 km of single-mode fiber. A maximum distance of 30 km is achievable with 3Gbps pathological signals.

FEATURES
● SMPTE 297-2006 Compatible
● Speed from 50 Mbps to 3Gbps with up to 30 km Single-mode Fiber
● Distance up to 30 km for 3G-SDI
● Support Video Pathological Patterns for SD-SDI, HD-SDI and 3G-SDI
● Single Transmitter with Simplex LC
● Single Receiver with Simplex LC
● Based on Industry Standard SFP
● SFF-8472 Digital Diagnostic Function
● TTL Laser Disable Input
● TTL TX_Fault Output
● TTL RX_LOS Output
● Single +3.3 V Power Supply
● RoHS-6 Compliant
● 0 to 70oC Operation
● Hot Pluggable
● Class 1 Laser International Safety Standard IEC-60825 Compliant

APPLICATIONS
● SMPTE 297-2006 Compliant Electrical-to-Optical Interfaces
● High-density Video Routers




Similar Part No. - SPS-9130VW-1T1RG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9130VW-1T1RG OPTOWAY-SPS-9130VW-1T1RG Datasheet
117Kb / 5P
   1310 nm / 3 Gb/s Medium Power Dual Optical SM Digital Diagnostic Transmitter
SPS-9130VW-1T1RG OPTOWAY-SPS-9130VW-1T1RG_15 Datasheet
146Kb / 6P
   3 Gb/s Medium Power Optical SM Digital Diagnostic Transmitter/Receiver
SPS-9130VW-1T1RG_2015 OPTOWAY-SPS-9130VW-1T1RG_2015 Datasheet
146Kb / 6P
   3 Gb/s Medium Power Optical SM Digital Diagnostic Transmitter/Receiver
More results


Similar Description - SPS-9130VW-1T1RG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9110VW-1T1RG OPTOWAY-SPS-9110VW-1T1RG Datasheet
151Kb / 6P
   1310 nm / 3 Gb/s Medium Power Optical SMDigital Diagnostic Transmitter/Receiver
SPS-7110VW-1T1RG OPTOWAY-SPS-7110VW-1T1RG Datasheet
148Kb / 6P
   1310 nm / 1.5 Gb/s Medium Power Optical SMDigital Diagnostic Transmitter/Receiver
SPS-9110VW-1TG OPTOWAY-SPS-9110VW-1TG Datasheet
142Kb / 5P
   1310 nm / 3 Gb/s Medium Power Single Optical SMDigital Diagnostic Transmitter
SPS-9130VW-1TG OPTOWAY-SPS-9130VW-1TG Datasheet
142Kb / 5P
   1310 nm / 3 Gb/s Medium Power Single Optical SMDigital Diagnostic Transmitter
SPS-9350VW-1T1RG OPTOWAY-SPS-9350VW-1T1RG Datasheet
151Kb / 6P
   1550 nm / 3 Gb/s Medium Power Optical SMDigital Diagnostic Transmitter/Receiver
SPS-9380VW-1T1RG OPTOWAY-SPS-9380VW-1T1RG Datasheet
151Kb / 6P
   1550 nm / 3 Gb/s Medium Power Optical SMDigital Diagnostic Transmitter/Receiver
SPS-7110VW-1TG OPTOWAY-SPS-7110VW-1TG Datasheet
141Kb / 5P
   1310 nm / 1.5 Gb/s Medium Power Single Optical SMDigital Diagnostic Transmitter
SPS-93120VW-1TG OPTOWAY-SPS-93120VW-1TG Datasheet
143Kb / 5P
   1550 nm / 3 Gb/s Medium Power Single Optical SMDigital Diagnostic Transmitter
SPS-9350VW-1TG OPTOWAY-SPS-9350VW-1TG Datasheet
142Kb / 5P
   1550 nm / 3 Gb/s Medium Power Single Optical SMDigital Diagnostic Transmitter
SPS-9380VW-1TG OPTOWAY-SPS-9380VW-1TG Datasheet
142Kb / 5P
   1550 nm / 3 Gb/s Medium Power Single Optical SMDigital Diagnostic Transmitter
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com