Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKRD Datasheet (PDF) - ALPS ELECTRIC CO.,LTD.

SKRD Datasheet PDF - ALPS ELECTRIC CO.,LTD.
Part # SKRD
Download  SKRD Download

File Size   198.83 Kbytes
Page   3 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description 6.2횞7.15mm SidepushTM (Snap-in Type)

SKRD Datasheet (PDF)

Go To PDF Page Download Datasheet
SKRD Datasheet PDF - ALPS ELECTRIC CO.,LTD.

Part # SKRD
Download  SKRD Click to download

File Size   198.83 Kbytes
Page   3 Pages
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.
Description 6.2횞7.15mm SidepushTM (Snap-in Type)

SKRD Datasheet (HTML) - ALPS ELECTRIC CO.,LTD.

SKRD Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKRD Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKRD Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.

SKRD Product details

TACT Switch™ 6.2 × 7.15mm Sidepush™ (Snap-in Type)

2pins with simple snap-in package.




Similar Part No. - SKRD

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKR SEMIKRON-SKR Datasheet
223Kb / 2P
   SEMICELL DIODE
SKR0 SEMIKRON-SKR0 Datasheet
183Kb / 2P
   DIODE
SKR10 SEMIKRON-SKR10 Datasheet
189Kb / 2P
   DIODE
SKR10 SEMIKRON-SKR10 Datasheet
165Kb / 2P
   DIODE
logo
Naina Semiconductor ltd...
SKR100 NAINA-SKR100 Datasheet
137Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type), 125A
More results


Similar Description - SKRD

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKQN ALPS-SKQN Datasheet
158Kb / 3P
   7.3횞6.85mm SidepushTM (Radial Type)
SKRT ALPS-SKRT Datasheet
149Kb / 3P
   4.5횞3.55mm SidepushTM (Surface Mount Type)
SKRE ALPS-SKRE Datasheet
148Kb / 3P
   1.5mm Height SidepushTM (Surface Mount Type)
logo
Panasonic Semiconductor
ECEC1CP103BJ PANASONIC-ECEC1CP103BJ Datasheet
143Kb / 13P
   Snap-in Type
ECEC2CB471BJ PANASONIC-ECEC2CB471BJ Datasheet
71Kb / 5P
   Snap-in Type
EETLD2D221BJ PANASONIC-EETLD2D221BJ Datasheet
100Kb / 2P
   Snap-in Type
EETUQ1C123HJ PANASONIC-EETUQ1C123HJ_08 Datasheet
472Kb / 11P
   Snap-in Type
ECES2DC181BB PANASONIC-ECES2DC181BB Datasheet
67Kb / 4P
   Snap-in Type
ECEC1AA103BJ PANASONIC-ECEC1AA103BJ Datasheet
102Kb / 7P
   Snap-in Type
ECOS2EG101DX PANASONIC-ECOS2EG101DX Datasheet
57Kb / 3P
   Snap-in Type
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com