Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC8 Datasheet (PDF) - Transys Electronics

SC8 Datasheet PDF - Transys Electronics
Part # SC8
Download  SC8 Download

File Size   790.34 Kbytes
Page   5 Pages
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics
Description SILICON CONTROLLED RECTIFIERS

SC8 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC8 Datasheet PDF - Transys Electronics

Part # SC8
Download  SC8 Click to download

File Size   790.34 Kbytes
Page   5 Pages
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics
Description SILICON CONTROLLED RECTIFIERS

SC8 Datasheet (HTML) - Transys Electronics

SC8 Datasheet HTML 1Page - Transys Electronics SC8 Datasheet HTML 2Page - Transys Electronics SC8 Datasheet HTML 3Page - Transys Electronics SC8 Datasheet HTML 4Page - Transys Electronics SC8 Datasheet HTML 5Page - Transys Electronics

SC8 Product details

SILICON CONTROLLED RECTIFIERS

● 8 A continuous On-State Current
● 80 A Surge-Current
● Glass Passivated Wafer
● 400 V to 800 V Off-State Voltage
● Max IGT of 20 mA




Similar Part No. - SC8

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
SC8-50-S10-C PANDUIT-SC8-50-S10-C Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
SC8-50-S10-C0 PANDUIT-SC8-50-S10-C0 Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
logo
GardTec, Inc.
SC80-P10 GARDTEC-SC80-P10 Datasheet
26Kb / 1P
   Thru-hole Plastic
logo
Switchcraft, Inc.
SC800 SWITCH-SC800 Datasheet
225Kb / 1P
   600, 700, 702, 800 & 900 Series Overview
logo
celduc-relais
SC800010 CELDUC-SC800010 Datasheet
107Kb / 2P
   Power Solid State Relay
More results


Similar Description - SC8

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com