Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGP6336-EEU Datasheet (PDF) - TriQuint Semiconductor

TGP6336-EEU Datasheet PDF - TriQuint Semiconductor
Part # TGP6336-EEU
Download  TGP6336-EEU Download

File Size   472.19 Kbytes
Page   7 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 6 - 18 GHz Phase Shifter

TGP6336-EEU Datasheet (PDF)

Go To PDF Page Download Datasheet
TGP6336-EEU Datasheet PDF - TriQuint Semiconductor

Part # TGP6336-EEU
Download  TGP6336-EEU Click to download

File Size   472.19 Kbytes
Page   7 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 6 - 18 GHz Phase Shifter

TGP6336-EEU Datasheet (HTML) - TriQuint Semiconductor

TGP6336-EEU Datasheet HTML 1Page - TriQuint Semiconductor TGP6336-EEU Datasheet HTML 2Page - TriQuint Semiconductor TGP6336-EEU Datasheet HTML 3Page - TriQuint Semiconductor TGP6336-EEU Datasheet HTML 4Page - TriQuint Semiconductor TGP6336-EEU Datasheet HTML 5Page - TriQuint Semiconductor TGP6336-EEU Datasheet HTML 6Page - TriQuint Semiconductor TGP6336-EEU Datasheet HTML 7Page - TriQuint Semiconductor

TGP6336-EEU Product details

Description
The TriQuint TGP6336 is a GaAs MMIC 5-bit phase shifter which operates from 6 to 18 GHz. Phase can be shifted from 0 to 348.75 degrees in 11.25 degree steps. Control bias voltages are 0 and 5 V. The insertion loss is typically 9 dB.
The TGP6336 features on-chip CMOS-compatible drivers. The FET based phase shifter offers wide band performance and small size for use in T/R modules for EW applications.

Key Features and Performance
• 6 to 18 GHz Frequency Range
• 5-Bit Phase Shifter
• On-Chip CMOS-Compatible Drivers
• 9 dB Typical Insertion Loss at Midband
• 2:1 Typical Input SWR: 2.6:1 Typical Output SWR
• 3.6 x 2.5 x 0.1mm (0.140 x 0.100 x 0.004 in.)




Similar Part No. - TGP6336-EEU

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGP6336 TRIQUINT-TGP6336 Datasheet
518Kb / 10P
   6 - 18 GHz Phase Shifter
TGP6336 TRIQUINT-TGP6336_15 Datasheet
518Kb / 10P
   6 - 18 GHz Phase Shifter
More results


Similar Description - TGP6336-EEU

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGP6336 TRIQUINT-TGP6336_15 Datasheet
518Kb / 10P
   6 - 18 GHz Phase Shifter
logo
Qorvo, Inc
TGP2105 QORVO-TGP2105 Datasheet
638Kb / 10P
   6-18 GHz 6-Bit Digital Phase Shifter (Vc)
logo
TriQuint Semiconductor
TGP2105-SM TRIQUINT-TGP2105-SM Datasheet
971Kb / 11P
   6-18 GHz 6-Bit Digital Phase Shifter (Vc)
logo
Pasternack Enterprises,...
PE82P5002 PASTERNACK-PE82P5002 Datasheet
442Kb / 7P
   8 Bit Programmable Phase Shifter, 6 GHz to 18 GHz
logo
TriQuint Semiconductor
TGP2107-SM TRIQUINT-TGP2107-SM Datasheet
980Kb / 11P
   6 to 18 GHz 6-Bit Digital Phase Shifter (?뭋C)
logo
Custom MMIC Design Serv...
CMD297 MMIC-CMD297 Datasheet
259Kb / 11P
   5-18 GHz Analog Phase Shifter
CMD297P34 MMIC-CMD297P34 Datasheet
293Kb / 10P
   5-18 GHz Analog Phase Shifter
logo
Qorvo, Inc
CMD297 QORVO-CMD297 Datasheet
366Kb / 12P
   5-18 GHz Analog Phase Shifter
August 23, 2021
logo
Hittite Microwave Corpo...
HMC247 HITTITE-HMC247 Datasheet
320Kb / 6P
   400째 ANALOG PHASE SHIFTER 5 - 18 GHz
HMC932LP4E HITTITE-HMC932LP4E Datasheet
938Kb / 6P
   390째 Analog Phase Shifter, 12 - 18 GHz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com