Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGF4124-EPU Datasheet (PDF) - TriQuint Semiconductor

TGF4124-EPU Datasheet PDF - TriQuint Semiconductor
Part # TGF4124-EPU
Download  TGF4124-EPU Download

File Size   153.54 Kbytes
Page   9 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 24 mm Discrete HFET

TGF4124-EPU Datasheet (PDF)

Go To PDF Page Download Datasheet
TGF4124-EPU Datasheet PDF - TriQuint Semiconductor

Part # TGF4124-EPU
Download  TGF4124-EPU Click to download

File Size   153.54 Kbytes
Page   9 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 24 mm Discrete HFET

TGF4124-EPU Datasheet (HTML) - TriQuint Semiconductor

TGF4124-EPU Datasheet HTML 1Page - TriQuint Semiconductor TGF4124-EPU Datasheet HTML 2Page - TriQuint Semiconductor TGF4124-EPU Datasheet HTML 3Page - TriQuint Semiconductor TGF4124-EPU Datasheet HTML 4Page - TriQuint Semiconductor TGF4124-EPU Datasheet HTML 5Page - TriQuint Semiconductor TGF4124-EPU Datasheet HTML 6Page - TriQuint Semiconductor TGF4124-EPU Datasheet HTML 7Page - TriQuint Semiconductor TGF4124-EPU Datasheet HTML 8Page - TriQuint Semiconductor TGF4124-EPU Datasheet HTML 9Page - TriQuint Semiconductor

TGF4124-EPU Product details

24 mm Discrete HFET

 • 0.5 um gate finger length
 • Nominal Pout of 12 Watts at 2.3 GHz
 • Nominal PAE of 51.5% at 2.3 GHz
 • Nominal Gain of 10.8 dB at 2.3 GHz
 • Die size 36.0 x 81.0 x 4.0 mils (0.914 x 2.057 x 0.102 mm)




Similar Part No. - TGF4124-EPU

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGF4112 TRIQUINT-TGF4112 Datasheet
153Kb / 9P
   12 mm Discrete HFET
TGF4112-EPU TRIQUINT-TGF4112-EPU Datasheet
153Kb / 9P
   12 mm Discrete HFET
TGF4118 TRIQUINT-TGF4118 Datasheet
152Kb / 9P
   18 mm Discrete HFET
TGF4118-EPU TRIQUINT-TGF4118-EPU Datasheet
152Kb / 9P
   18 mm Discrete HFET
More results


Similar Description - TGF4124-EPU

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGF4260 TRIQUINT-TGF4260_15 Datasheet
432Kb / 9P
   9.6 mm Discrete HFET
TGF4250 TRIQUINT-TGF4250 Datasheet
179Kb / 7P
   4.8 mm Discrete HFET
TGF4240 TRIQUINT-TGF4240_15 Datasheet
185Kb / 7P
   2.4 mm Discrete HFET
TGF4240-SCC TRIQUINT-TGF4240-SCC Datasheet
179Kb / 7P
   2.4 mm Discrete HFET
TGF4118 TRIQUINT-TGF4118 Datasheet
152Kb / 9P
   18 mm Discrete HFET
TGF4112 TRIQUINT-TGF4112 Datasheet
153Kb / 9P
   12 mm Discrete HFET
TGF4260-SCC TRIQUINT-TGF4260-SCC Datasheet
426Kb / 9P
   9.6 mm Discrete HFET
TGF4230 TRIQUINT-TGF4230 Datasheet
178Kb / 7P
   1.2mm Discrete HFET
TGF4260 TRIQUINT-TGF4260 Datasheet
90Kb / 1P
   9.6mm Discrete HFET
TGF4240 TRIQUINT-TGF4240 Datasheet
94Kb / 1P
   2.4mm Discrete HFET
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com