Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA1073G Datasheet (PDF) - TriQuint Semiconductor

TGA1073G Datasheet PDF - TriQuint Semiconductor
Part # TGA1073G
Download  TGA1073G Download

File Size   586.14 Kbytes
Page   6 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 19 - 27 GHz Medium Power Amplifier

TGA1073G Datasheet (PDF)

Go To PDF Page Download Datasheet
TGA1073G Datasheet PDF - TriQuint Semiconductor

Part # TGA1073G
Download  TGA1073G Click to download

File Size   586.14 Kbytes
Page   6 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 19 - 27 GHz Medium Power Amplifier

TGA1073G Datasheet (HTML) - TriQuint Semiconductor

TGA1073G Datasheet HTML 1Page - TriQuint Semiconductor TGA1073G Datasheet HTML 2Page - TriQuint Semiconductor TGA1073G Datasheet HTML 3Page - TriQuint Semiconductor TGA1073G Datasheet HTML 4Page - TriQuint Semiconductor TGA1073G Datasheet HTML 5Page - TriQuint Semiconductor TGA1073G Datasheet HTML 6Page - TriQuint Semiconductor

TGA1073G Product details

The TriQuint TGA1073G-EPU is a three stage MPA MMIC design using TriQuint’s proven 0.25 um Power pHEMT process. The TGA1073G is designed to support a variety of millimeter wave applications including point-to-point digital radio and point-to-multipoint communications.

Key Features and Performance
• 0.25 um pHEMT Technology
• 22 dB Nominal Gain
• 25 dBm Nominal Pout @ P1dB
• Bias 5-7V @ 220 mA
• Chip Dimensions 2.55 mm x 1.15mm

Primary Applications
• Point-to-Point Radio
• Point-to-Multipoint Communications




Similar Part No. - TGA1073G

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1073G-SCC TRIQUINT-TGA1073G-SCC Datasheet
412Kb / 8P
   19 to 27 GHz Medium Power Amplifier
TGA1073G-SCC TRIQUINT-TGA1073G-SCC_15 Datasheet
412Kb / 8P
   19 to 27 GHz Medium Power Amplifier
More results


Similar Description - TGA1073G

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1073G-SCC TRIQUINT-TGA1073G-SCC_15 Datasheet
412Kb / 8P
   19 to 27 GHz Medium Power Amplifier
logo
Qorvo, Inc
TGA4036 QORVO-TGA4036 Datasheet
303Kb / 11P
   19 -38 GHz Medium Power Amplifier
logo
TriQuint Semiconductor
TGA4036 TRIQUINT-TGA4036_15 Datasheet
303Kb / 11P
   19 to 38 GHz Medium Power Amplifier
logo
United Monolithic Semic...
CHA3396-QDG UMS-CHA3396-QDG_15 Datasheet
523Kb / 16P
   27-33.5GHz Medium Power Amplifier
logo
TriQuint Semiconductor
TGA4036 TRIQUINT-TGA4036 Datasheet
232Kb / 10P
   19 - 38GHz Medium Power Amplifier
TGA1135B-SCC TRIQUINT-TGA1135B-SCC Datasheet
1Mb / 10P
   18-27 GHz 1W Power Amplifier
TGA1135B-SCC TRIQUINT-TGA1135B-SCC_15 Datasheet
930Kb / 10P
   18 27 GHz 1W Power Amplifier
TGA1172-SCC TRIQUINT-TGA1172-SCC Datasheet
329Kb / 8P
   27 - 32 GHz 1W Power Amplifier
logo
Qorvo, Inc
TGA2594-HM QORVO-TGA2594-HM Datasheet
786Kb / 15P
   27 ??31 GHz GaN Power Amplifier
logo
TriQuint Semiconductor
TGA1172 TRIQUINT-TGA1172 Datasheet
768Kb / 4P
   27 - 32 GHz 1W Power Amplifier
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com