Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2606B Datasheet (PDF) - Emcore Corporation

2606B Datasheet PDF - Emcore Corporation
Part No. 2606B
Download  2606B Click to view

File Size   860.99 Kbytes
Page   4 Pages
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation
Description Return-Path Photodiode Receiver Module

2606B Datasheet (PDF)

Go To PDF Page Download Datasheet
2606B Datasheet PDF - Emcore Corporation

Part No. 2606B
Download  2606B Click to view

File Size   860.99 Kbytes
Page   4 Pages
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation
Description Return-Path Photodiode Receiver Module

2606B Datasheet (HTML) - Emcore Corporation

2606B Datasheet HTML 1Page - Emcore Corporation 2606B Datasheet HTML 2Page - Emcore Corporation 2606B Datasheet HTML 3Page - Emcore Corporation 2606B Datasheet HTML 4Page - Emcore Corporation

2606B Product details

2606B Return-Path Photodiode Receiver Module

The 2606B CATV return-path photodiode module is a critical component for the delivery of high-performance interactive services for today’s two-way fiberoptic networks. These modules utilize PIN InGaAs photodiodes in robust 14-pin DIL packages that exhibit excellent sensitivity, low noise, and exceptional linearity in return-path optical links. The module incorporates a patented impedance-matching circuit, which optimizes very low noise gain in optical broadband receivers.

Features
◾ 5MHz – 200 MHz frequency range
◾ Flat response to + 0.5 dB
◾ High optical responsivity
◾ Ultra low optical return loss
◾ 75 Ω impedance-matched

Applications
◾ Return-path CATV receivers



Similar Part No. - 2606B

ManufacturerPart No.DatasheetDescription
Agere Systems
Agere Systems
2606B AGERE-2606B Datasheet
47Kb / 4P
   2606B Return-Path Photodiode Receiver Module
TEKTRONIX, INC.
TEKTRONIX, INC.
2606B TEKTRONIX-2606B Datasheet
995Kb / 13P
   2606B System SourceMeter SMU Instrument
2606B-3Y-EW TEKTRONIX-2606B-3Y-EW Datasheet
995Kb / 13P
   2606B System SourceMeter SMU Instrument
2606B-5Y-EW TEKTRONIX-2606B-5Y-EW Datasheet
995Kb / 13P
   2606B System SourceMeter SMU Instrument
2606B-EW TEKTRONIX-2606B-EW Datasheet
995Kb / 13P
   2606B System SourceMeter SMU Instrument
More results

Similar Description - 2606B

ManufacturerPart No.DatasheetDescription
Agere Systems
Agere Systems
2606B AGERE-2606B Datasheet
47Kb / 4P
   2606B Return-Path Photodiode Receiver Module
A1750A AGERE-A1750A Datasheet
94Kb / 8P
   A1750A DWDM Analog Forward-Path or Return-Path Laser Module
M/A-COM Technology Solutions, Inc.
M/A-COM Technology Solu...
MAAM-011184 MA-COM-MAAM-011184 Datasheet
900Kb / 7P
   CATV Return Path Amplifier
MAAM-011185 MA-COM-MAAM-011185 Datasheet
936Kb / 7P
   CATV Return Path Differential Amplifier
MAAM-011156 MA-COM-MAAM-011156 Datasheet
986Kb / 10P
   Amplifier, CATV Return Path Differential
Emcore Corporation
Emcore Corporation
7820C EMCORE-7820C Datasheet
567Kb / 6P
   200 MHz HFC Return Path
Optoway Technology Inc
Optoway Technology Inc
PDA-1300 OPTOWAY-PDA-1300 Datasheet
67Kb / 2P
   InGaAs PIN Photodiode Module for CATV Receiver
TriQuint Semiconductor
TriQuint Semiconductor
QPA5368 TRIQUINT-QPA5368 Datasheet
381Kb / 9P
   CATV Return Path MCM 300MHz 35dB
Qorvo, Inc
Qorvo, Inc
QPA5368 QORVO-QPA5368 Datasheet
381Kb / 9P
   CATV Return Path MCM 300MHz 35dB
Fujitsu Component Limited.
Fujitsu Component Limit...
FLD3F12JL FUJITSU-FLD3F12JL Datasheet
298Kb / 6P
   1,310nm MQW-DFB Return Path Laser
More results

Datasheet Page

1  2  3  4 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz