Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP521-1 Datasheet (PDF) - Toshiba Semiconductor

TLP521-1 Datasheet PDF - Toshiba Semiconductor
Part # TLP521-1
Download  TLP521-1 Download
File Size   372.55 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description programmable controllers ac/dc-input module solid state relay

TLP521-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP521-1 Datasheet PDF - Toshiba Semiconductor

Part # TLP521-1
Download  TLP521-1 Click to download

File Size   372.55 Kbytes
Page   8 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description programmable controllers ac/dc-input module solid state relay

TLP521-1 Datasheet (HTML) - Toshiba Semiconductor


TLP521-1 Product details

Programmable Controllers AC/DC−Input Module Solid State Relay



The TOSHIBA TLP521−1, −2 and −4 consist of a photo−transistor optically coupled to a gallium arsenide infrared emitting diode. The TLP521−2 offers two isolated channels in an eight lead plastic DIP package, while the TLP521−4 provides four isolated channels in a sixteen plastic DIP package.



•  Collector−emitter voltage: 55 V (min)

•  Current transfer ratio: 50% (min)

   Rank GB: 100% (min)

•  Isolation voltage: 2500 Vrms (min)

•  UL recognized

   made in Japan: UL1577, file No. E67349

   made in Thailand: UL1577, file No. E152349




Similar Part No. - TLP521-1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP521-1 TOSHIBA-TLP521-1 Datasheet
249Kb / 9P
Programmable Controllers AC/DC−Input Module Solid State Relay
TLP521-1 TOSHIBA-TLP521-1 Datasheet
193Kb / 9P
Programmable Controllers AC/DC?묲nput Module Solid State Relay
TLP521-1 TOSHIBA-TLP521-1 Datasheet
193Kb / 9P
Programmable Controllers AC/DC?묲nput Module Solid State Relay
logo
Guangdong Youtai Semico...
TLP521-1 UMW-TLP521-1 Datasheet
792Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE SOLID STATE RELAY
TLP521-1 UMW-TLP521-1 Datasheet
792Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE SOLID STATE RELAY
More results


Similar Description - TLP521-1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP531 TOSHIBA-TLP531 Datasheet
816Kb / 9P
Programmable Controllers AC / DC-Input Module Solid State Relay
TLP504A TOSHIBA-TLP504A Datasheet
357Kb / 8P
programmable controllers ac/dc-input module solid state relay
logo
Guangdong Youtai Semico...
TLP521GB-S UMW-TLP521GB-S Datasheet
792Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE SOLID STATE RELAY
TLP521GB UMW-TLP521GB Datasheet
792Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE SOLID STATE RELAY
logo
Toshiba Semiconductor
TLP521-1 TOSHIBA-TLP521-1_07 Datasheet
249Kb / 9P
Programmable Controllers AC/DC−Input Module Solid State Relay
TLP521-1GBF TOSHIBA-TLP521-1GBF Datasheet
193Kb / 9P
Programmable Controllers AC/DC?묲nput Module Solid State Relay
TLP521-1GBFT TOSHIBA-TLP521-1GBFT Datasheet
193Kb / 9P
Programmable Controllers AC/DC?묲nput Module Solid State Relay
TLP631 TOSHIBA-TLP631 Datasheet
373Kb / 8P
PROGAMMABLE CONTROLLERS AC/DC-INPUT MODULE SOLID STATE RELAY
TLP570 TOSHIBA-TLP570 Datasheet
707Kb / 8P
Programmable Controllers AC / DC.Input Module Solid State Relay
TLP621 TOSHIBA-TLP621 Datasheet
425Kb / 10P
PROGRAMMABLE CONTROLLER AC/DC-INPUT MODULE SOLID STATE RELAY
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com