Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TD62107P Datasheet (PDF) - Toshiba Semiconductor

TD62107P Datasheet PDF - Toshiba Semiconductor
Part No. TD62107P
Download  TD62107P Click to view

File Size   290.87 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 4CH HIGH-CURRENT DARILGTON SINK DRIVER

TD62107P Datasheet (PDF)

Go To PDF Page Download Datasheet
TD62107P Datasheet PDF - Toshiba Semiconductor

Part No. TD62107P
Download  TD62107P Click to view

File Size   290.87 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 4CH HIGH-CURRENT DARILGTON SINK DRIVER

TD62107P Datasheet (HTML) - Toshiba Semiconductor

TD62107P Datasheet HTML 1Page - Toshiba Semiconductor TD62107P Datasheet HTML 2Page - Toshiba Semiconductor TD62107P Datasheet HTML 3Page - Toshiba Semiconductor TD62107P Datasheet HTML 4Page - Toshiba Semiconductor TD62107P Datasheet HTML 5Page - Toshiba Semiconductor TD62107P Datasheet HTML 6Page - Toshiba Semiconductor TD62107P Datasheet HTML 7Page - Toshiba Semiconductor TD62107P Datasheet HTML 8Page - Toshiba Semiconductor TD62107P Datasheet HTML 9Page - Toshiba Semiconductor

TD62107P Product details

4CH HIGH−CURRENT DARLINGTON SINK DRIVER



The TD62107P / BP / F are high−voltage, high−current darlington drivers and enable inputs which can gate the outputs. All units feature integral clamp diodes for switching inductive loads. The TD62107P / BP / F have a wide supply voltage range and all input are compatible with TTL and 5−V CMOS. Application include relay, hammer, lamp and stepping moter drivers. Please observe the thermal condition for using.



FEATURES

 Output current (single output) 750mA (MAX)

 High sustaining voltage output 80 V MIN. (TD62107BP)

   45 V MIN. (TD62107P)

   35 V MIN. (TD62107F)

 Output clamp diodes

 Enable inputs E1, E2

 Wide supply voltage range VCC = 4.75~17 V

 Input compatible with TTL and 5−V CMOS

 GND terminal = heat sink

 Package type−P, BP : DIP−16pin

 Package type−F : HSOP−16pin



 



Similar Part No. - TD62107P

ManufacturerPart No.DatasheetDescription
Toshiba Semiconductor
Toshiba Semiconductor
TD62101F TOSHIBA-TD62101F Datasheet
317Kb / 8P
   7CH DARLINGTON SINK DRIVER
TD62101P TOSHIBA-TD62101P Datasheet
317Kb / 8P
   7CH DARLINGTON SINK DRIVER
TD62103F TOSHIBA-TD62103F Datasheet
317Kb / 8P
   7CH DARLINGTON SINK DRIVER
TD62103P TOSHIBA-TD62103P Datasheet
317Kb / 8P
   7CH DARLINGTON SINK DRIVER
TD62104F TOSHIBA-TD62104F Datasheet
317Kb / 8P
   7CH DARLINGTON SINK DRIVER
More results

Similar Description - TD62107P

ManufacturerPart No.DatasheetDescription
Toshiba Semiconductor
Toshiba Semiconductor
TD62164AP TOSHIBA-TD62164AP Datasheet
282Kb / 7P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62064BP1G TOSHIBA-TD62064BP1G Datasheet
237Kb / 11P
   4ch High-Current Darlington Sink Driver
TD62064BP-1 TOSHIBA-TD62064BP-1 Datasheet
300Kb / 8P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62164BP TOSHIBA-TD62164BP Datasheet
287Kb / 8P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62064APA TOSHIBA-TD62064APA Datasheet
215Kb / 6P
   4CH HIGH-CURRENT DRALINGTON SINK DRIVER
TD62064P TOSHIBA-TD62064P Datasheet
345Kb / 9P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62064APG TOSHIBA-TD62064APG Datasheet
246Kb / 11P
   4ch High-Current Darlington Sink Driver
TD62064BP-1 TOSHIBA-TD62064BP-1_06 Datasheet
417Kb / 11P
   4CH HIGH−CURRENT DARLINGTON SINK DRIVER
TD62064074P TOSHIBA-TD62064074P Datasheet
249Kb / 10P
   4CH HIHG-CURRENT DARLINGTON SINK DRIVER
TD62318BP TOSHIBA-TD62318BP Datasheet
292Kb / 8P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLNGTON SINK DRIVER
More results

Datasheet Page

1  2  3  4  5  6  7  8  9 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz