Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74VHC04 Datasheet (PDF) - Toshiba Semiconductor

TC74VHC04 Datasheet PDF - Toshiba Semiconductor
Part # TC74VHC04
Download  TC74VHC04 Download

File Size   202.85 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description HEX INVERTER

TC74VHC04 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74VHC04 Datasheet PDF - Toshiba Semiconductor

Part # TC74VHC04
Download  TC74VHC04 Click to download

File Size   202.85 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description HEX INVERTER

TC74VHC04 Datasheet (HTML) - Toshiba Semiconductor

TC74VHC04 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC04 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC04 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC04 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC04 Datasheet HTML 5Page - Toshiba Semiconductor

TC74VHC04 Product details

The TC74VHC04 is an advanced high speed CMOS INVERTER fabricated with silicon gate C2MOS technology. It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation.
The internal circuit is composed of 3 stages including buffer output, which provide high noise immunity and stable output. An input protection circuit ensures that 0 to 5.5 V can be applied to the input pins without regard to the supply voltage. This device can be used to interface 5 V to 3 V systems and two supply systems such as battery back up. This circuit prevents device destruction due to mismatched supply and input voltages.

Features
• High speed: tpd = 3.8 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 2 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Power down protection is provided on all inputs.
• Balanced propagation delays: tpLH ∼ − tpHL
• Wide operating voltage range: VCC (opr) = 2 V to 5.5 V
• Low noise: VOLP = 0.8 V (max)
• Pin and function compatible with 74ALS04




Similar Part No. - TC74VHC04

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC04F TOSHIBA-TC74VHC04F Datasheet
253Kb / 9P
   Hex Inverter
TC74VHC04F TOSHIBA-TC74VHC04F Datasheet
152Kb / 5P
   HEX INVERTER
1997-03-24
TC74VHC04FK TOSHIBA-TC74VHC04FK Datasheet
253Kb / 9P
   Hex Inverter
TC74VHC04FK TOSHIBA-TC74VHC04FK_12 Datasheet
222Kb / 8P
   Hex Inverter
TC74VHC04FN TOSHIBA-TC74VHC04FN Datasheet
253Kb / 9P
   Hex Inverter
More results


Similar Description - TC74VHC04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com