Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APW7142 Datasheet (PDF) - Anpec Electronics Coropration

APW7142 Datasheet PDF - Anpec Electronics Coropration
Part # APW7142
Download  APW7142 Download

File Size   525.4 Kbytes
Page   22 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 3A, 12V, Synchronous-Rectified Buck Converter

APW7142 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7142 Datasheet PDF - Anpec Electronics Coropration

Part # APW7142
Download  APW7142 Click to download

File Size   525.4 Kbytes
Page   22 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 3A, 12V, Synchronous-Rectified Buck Converter

APW7142 Datasheet (HTML) - Anpec Electronics Coropration

Back Button APW7142 Datasheet HTML 1Page - Anpec Electronics Coropration APW7142 Datasheet HTML 2Page - Anpec Electronics Coropration APW7142 Datasheet HTML 3Page - Anpec Electronics Coropration APW7142 Datasheet HTML 4Page - Anpec Electronics Coropration APW7142 Datasheet HTML 5Page - Anpec Electronics Coropration APW7142 Datasheet HTML 6Page - Anpec Electronics Coropration APW7142 Datasheet HTML 7Page - Anpec Electronics Coropration APW7142 Datasheet HTML 8Page - Anpec Electronics Coropration APW7142 Datasheet HTML 9Page - Anpec Electronics Coropration APW7142 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button 

APW7142 Product details

General Description
The APW7142 is a 3A synchronous-rectified Buck converter with integrated 70mW power MOSFETs. The APW7142, designed with a current-mode control scheme, can convert wide input voltage of 4.3V to 14V to the output voltage adjustable from 0.8V to VIN to provide excellent output voltage regulation.
For high efficiency over all load current range, the APW7142 is equipped with an automatic Skip/PWM mode operation. At light load, the IC operates in the Skip mode, which keeps a constant minimum inductor peak current, to reduce switching losses. At heavy load, the IC works in PWM mode, which inductor peak current is programmed by the COMP voltage, to provide high efficiency and excellent output voltage regulation.
The APW7142 is also equipped with power-on-reset, soft-start, soft-stop, and whole protections (under-voltage, over-voltage, over-temperature, and current-limit) into a single package. In shutdown mode, the supply current drops below 3μA.
This device, available in a 8-pin SOP-8 package, provides a very compact system solution with minimal external components and PCB area.

Features
• Wide Input Voltage from 4.3V to 14V
• Output Current up to 3A
• Adjustable Output Voltage from 0.8V to VIN
   - ±2% System Accuracy
• 70mW Integrated Power MOSFETs
• High Efficiency up to 95%
   - Automatic Skip/PWM Mode Operation
• Current-Mode Operation
   - Easy Feedback Compensation
   - Stable with Low ESR Output Capacitors
   - Fast Load/Line Transient Response
• Power-On-Reset Monitoring
• Fixed 500kHz Switching Frequency in PWM Mode
• Built-In Digital Soft-Start and Soft-Stop
• Current-Limit Protection with FrequencyFoldback
• 123% Over-Voltage Protection
• Hiccup-Mode 50% Under-Voltage Protection
• Over-Temperature Protection
• <3mA Quiescent Current in Shutdown Mode
• Small SOP-8 Package
• Lead Free and Green Devices Available
   (RoHS Compliant)

Applications
• OLPC, UMPC
• Notebook Computer
• Handheld Portable Device
• Step-Down Converters Requiring High Efficiency
   and 3A Output Current



Similar Part No. - APW7142

ManufacturerPart #DatasheetDescription
Anpec Electronics Coropration
Anpec Electronics Corop...
APW7142 ANPEC-APW7142 Datasheet
524Kb / 22P
   3A, 12V, Synchronous-Rectified Buck Converter
APW7142KI-TRG ANPEC-APW7142KI-TRG Datasheet
524Kb / 22P
   3A, 12V, Synchronous-Rectified Buck Converter
APW7142 ANPEC-APW7142_10 Datasheet
524Kb / 22P
   3A, 12V, Synchronous-Rectified Buck Converter
More results

Similar Description - APW7142

ManufacturerPart #DatasheetDescription
Anpec Electronics Coropration
Anpec Electronics Corop...
APW7145 ANPEC-APW7145 Datasheet
526Kb / 23P
   3A, 12V, Synchronous-Rectified Buck Converter
APW7145 ANPEC-APW7145_09 Datasheet
557Kb / 23P
   3A, 12V, Synchronous-Rectified Buck Converter
APW7142 ANPEC-APW7142_10 Datasheet
524Kb / 22P
   3A, 12V, Synchronous-Rectified Buck Converter
APW7145 ANPEC-APW7145_11 Datasheet
559Kb / 23P
   3A, 12V, Synchronous-Rectified Buck Converter
uPI Group Inc.
uPI Group Inc.
UP1989 UPI-UP1989 Datasheet
231Kb / 13P
   Synchronous-Rectified Buck Converter
UP1988 UPI-UP1988 Datasheet
221Kb / 13P
   Synchronous-Rectified Buck Converter
UP1965S UPI-UP1965S Datasheet
194Kb / 11P
   Synchronous-Rectified Buck Converter
UP1735 UPI-UP1735 Datasheet
236Kb / 13P
   3A, 23V, High-Efficiency Synchronous-Rectified Buck Converter
UP9305 UPI-UP9305 Datasheet
313Kb / 16P
   5V/12V Synchronous-Rectified Buck Controller
UP1542 UPI-UP1542 Datasheet
325Kb / 17P
   5V/12V Synchronous-Rectified Buck Controller
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com