Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC4066BP Datasheet (PDF) - Toshiba Semiconductor

TC4066BP Datasheet PDF - Toshiba Semiconductor
Part # TC4066BP
Download  TC4066BP Download

File Size   315.57 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description QUAD BILATERAL SWITCH

TC4066BP Datasheet (PDF)

Go To PDF Page Download Datasheet
TC4066BP Datasheet PDF - Toshiba Semiconductor

Part # TC4066BP
Download  TC4066BP Click to download

File Size   315.57 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description QUAD BILATERAL SWITCH

TC4066BP Datasheet (HTML) - Toshiba Semiconductor

TC4066BP Datasheet HTML 1Page - Toshiba Semiconductor TC4066BP Datasheet HTML 2Page - Toshiba Semiconductor TC4066BP Datasheet HTML 3Page - Toshiba Semiconductor TC4066BP Datasheet HTML 4Page - Toshiba Semiconductor TC4066BP Datasheet HTML 5Page - Toshiba Semiconductor TC4066BP Datasheet HTML 6Page - Toshiba Semiconductor TC4066BP Datasheet HTML 7Page - Toshiba Semiconductor

TC4066BP Product details

TC4066B contains four independent circuits of bidirectional switches. When control input CONT is set to “H” level, the impedance between input and output of the switch becomes low and when it is set to “L” level,the impedance becomes high. This can be applied for switching of analog signals and digital signals.



•  ON-resistance, Ron

   250 Ω(typ.): VDD −VSS =5 V

   110 Ω(typ.): VDD −VSS =10 V

   70 Ω(typ.): VDD −VSS =15 V

•  OFF-resistance, Roff

   Roff (typ.) >109Ω



Similar Part No. - TC4066BP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4066BP TOSHIBA-TC4066BP Datasheet
276Kb / 11P
   Quad Bilateral Switch
TC4066BP TOSHIBA-TC4066BP_07 Datasheet
276Kb / 11P
   Quad Bilateral Switch
More results

Similar Description - TC4066BP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
   Quad Bilateral Switch
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
   Quad Bilateral Switch
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
U74HCT4066 UTC-U74HCT4066 Datasheet
201Kb / 6P
   QUAD BILATERAL SWITCH
logo
Micro Electronics
MMC4016 MICRO-ELECTRONICS-MMC4016 Datasheet
122Kb / 4P
   QUAD BILATERAL SWITCH
logo
IK Semicon Co., Ltd
IW4016B IKSEMICON-IW4016B Datasheet
388Kb / 10P
   Quad Bilateral Switch
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com