Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTR4003N Datasheet (PDF) - ON Semiconductor

NTR4003N Datasheet PDF - ON Semiconductor
Part # NTR4003N
Download  NTR4003N Download

File Size   67.39 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Small Signal MOSFET 30 V, 0.56 A, Single N?묬hannel, SOT??3

NTR4003N Datasheet (PDF)

Go To PDF Page Download Datasheet
NTR4003N Datasheet PDF - ON Semiconductor

Part # NTR4003N
Download  NTR4003N Click to download

File Size   67.39 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Small Signal MOSFET 30 V, 0.56 A, Single N?묬hannel, SOT??3

NTR4003N Datasheet (HTML) - ON Semiconductor

NTR4003N Datasheet HTML 1Page - ON Semiconductor NTR4003N Datasheet HTML 2Page - ON Semiconductor NTR4003N Datasheet HTML 3Page - ON Semiconductor NTR4003N Datasheet HTML 4Page - ON Semiconductor NTR4003N Datasheet HTML 5Page - ON Semiconductor

NTR4003N Product details

Small Signal MOSFET
30 V, 0.56 A, Single N−Channel, SOT−23

Features
• Low Gate Voltage Threshold (VGS(TH)) to Facilitate Drive Circuit Design
• Low Gate Charge for Fast Switching
• ESD Protected Gate
• SOT−23 Package Provides Excellent Thermal Performance
• Minimum Breakdown Voltage Rating of 30 V
• NVR Prefix for Automotive and Other Applications Requiring
   Unique Site and Control Change Requirements; AEC−Q101
   Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant

Applications
• Notebooks:
   ♦ Level Shifters
   ♦ Logic Switches
   ♦ Low Side Load Switches
• Portable Applications




Similar Part No. - NTR4003N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTR4003N ONSEMI-NTR4003N Datasheet
105Kb / 5P
   Small Signal MOSFET 30 V, 0.56 A, Single N?묬hannel, SOT??3
June, 2012 ??Rev. 3
NTR4003N ONSEMI-NTR4003N Datasheet
90Kb / 5P
   Small Signal MOSFET
October, 2015 ??Rev. 5
NTR4003NT1G ONSEMI-NTR4003NT1G Datasheet
105Kb / 5P
   Small Signal MOSFET 30 V, 0.56 A, Single N?묬hannel, SOT??3
June, 2012 ??Rev. 3
NTR4003NT1G ONSEMI-NTR4003NT1G Datasheet
90Kb / 5P
   Small Signal MOSFET
October, 2015 ??Rev. 5
logo
TECH PUBLIC Electronics...
NTR4003NT1G TECHPUBLIC-NTR4003NT1G Datasheet
1Mb / 5P
   30V N-Channel MOSFET
More results


Similar Description - NTR4003N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVR4003NT3G ONSEMI-NVR4003NT3G Datasheet
105Kb / 5P
   Small Signal MOSFET 30 V, 0.56 A, Single N?묬hannel, SOT??3
June, 2012 ??Rev. 3
2N7002E ONSEMI-2N7002E Datasheet
104Kb / 5P
   Small Signal MOSFET 60 V, 310 mA, Single, N?묬hannel, SOT??3
April, 2007 ??Rev. 1
2N7002K ONSEMI-2N7002K Datasheet
106Kb / 5P
   Small Signal MOSFET 60 V, 380 mA, Single, N?묬hannel, SOT??3
July, 2008 ??Rev. 4
2N7002KT3G ONSEMI-2N7002KT3G Datasheet
103Kb / 6P
   Small Signal MOSFET 60 V, 380 mA, Single, N?묬hannel, SOT??3
February, 2013 ??Rev. 11
MGSF1N03LT1 ONSEMI-MGSF1N03LT1 Datasheet
74Kb / 4P
   Power MOSFET 30 V, 2.1 A, Single N?묬hannel, SOT??3
March, 2005 ??Rev. 7
logo
List of Unclassifed Man...
MGSF1N03L ETC1-MGSF1N03L Datasheet
124Kb / 5P
   Power MOSFET 30 V, 2.1 A, Single N?묬hannel, SOT??3
logo
ON Semiconductor
NTR4170N ONSEMI-NTR4170N Datasheet
106Kb / 5P
   Power MOSFET 30 V, 3.2 A, Single N?묬hannel, SOT??3
June, 2008 ??Rev. 0
NTR4503N ONSEMI-NTR4503N Datasheet
70Kb / 6P
   Power MOSFET 30 V, 2.5 A, Single N?묬hannel, SOT??3
March, 2005 ??Rev. 3
logo
Leshan Radio Company
LNTR4003NLT1G LRC-LNTR4003NLT1G Datasheet
447Kb / 5P
   30 V, 0.56 A, Single, N?묬hannel,Gate ESD Protection, SOT-23
LNTK4003M3T5G LRC-LNTK4003M3T5G Datasheet
441Kb / 5P
   30 V, 0.56 A, Single, N?묬hannel,Gate ESD Protection
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com