Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD3813N-35G Datasheet (PDF) - ON Semiconductor

NTD3813N-35G Datasheet PDF - ON Semiconductor
Part # NTD3813N-35G
Download  NTD3813N-35G Download

File Size   100.17 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET 16 V, 51 A, Single N-Channel, DPAK/IPAK

NTD3813N-35G Datasheet (PDF)

Go To PDF Page Download Datasheet
NTD3813N-35G Datasheet PDF - ON Semiconductor

Part # NTD3813N-35G
Download  NTD3813N-35G Click to download

File Size   100.17 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET 16 V, 51 A, Single N-Channel, DPAK/IPAK

NTD3813N-35G Datasheet (HTML) - ON Semiconductor

NTD3813N-35G Datasheet HTML 1Page - ON Semiconductor NTD3813N-35G Datasheet HTML 2Page - ON Semiconductor NTD3813N-35G Datasheet HTML 3Page - ON Semiconductor NTD3813N-35G Datasheet HTML 4Page - ON Semiconductor NTD3813N-35G Datasheet HTML 5Page - ON Semiconductor NTD3813N-35G Datasheet HTML 6Page - ON Semiconductor NTD3813N-35G Datasheet HTML 7Page - ON Semiconductor NTD3813N-35G Datasheet HTML 8Page - ON Semiconductor



Similar Part No. - NTD3813N-35G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD3817N ONSEMI-NTD3817N Datasheet
100Kb / 8P
   Power MOSFET 16 V, 34.5 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD3817N-1G ONSEMI-NTD3817N-1G Datasheet
100Kb / 8P
   Power MOSFET 16 V, 34.5 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD3817N-35G ONSEMI-NTD3817N-35G Datasheet
100Kb / 8P
   Power MOSFET 16 V, 34.5 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD3817NT4G ONSEMI-NTD3817NT4G Datasheet
100Kb / 8P
   Power MOSFET 16 V, 34.5 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
More results


Similar Description - NTD3813N-35G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD3808N ONSEMI-NTD3808N Datasheet
99Kb / 7P
   Power MOSFET 16 V, 76 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD3817N ONSEMI-NTD3817N Datasheet
100Kb / 8P
   Power MOSFET 16 V, 34.5 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4804N ONSEMI-NTD4804N Datasheet
280Kb / 8P
   Power MOSFET 30 V, 117 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 6
NTD4810N ONSEMI-NTD4810N Datasheet
299Kb / 8P
   Power MOSFET 30 V, 54 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 8
NTD4815NH ONSEMI-NTD4815NH Datasheet
89Kb / 8P
   Power MOSFET 30 V, 35 A, Single N-Channel, DPAK/IPAK
December, 2006 ??Rev. 0
NTD4856N ONSEMI-NTD4856N Datasheet
104Kb / 8P
   Power MOSFET 25 V, 89 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD4855N ONSEMI-NTD4855N Datasheet
99Kb / 8P
   Power MOSFET 25 V, 98 A, Single N-Channel, DPAK/IPAK
April, 2008 - Rev. 1
NTD4808N ONSEMI-NTD4808N Datasheet
326Kb / 8P
   Power MOSFET 30 V, 63 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 5
NTD4813N ONSEMI-NTD4813N Datasheet
308Kb / 8P
   Power MOSFET 30 V, 40 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 6
NTD4806N ONSEMI-NTD4806N Datasheet
297Kb / 8P
   Power MOSFET 30 V, 76 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 5
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com