Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HC238A Datasheet (PDF) - ON Semiconductor

MC74HC238A Datasheet PDF - ON Semiconductor
Part # MC74HC238A
Download  MC74HC238A Download

File Size   164.15 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1-of-8 Decoder/ Demultiplexer

MC74HC238A Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74HC238A Datasheet PDF - ON Semiconductor

Part # MC74HC238A
Download  MC74HC238A Click to download

File Size   164.15 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1-of-8 Decoder/ Demultiplexer

MC74HC238A Datasheet (HTML) - ON Semiconductor

MC74HC238A Datasheet HTML 1Page - ON Semiconductor MC74HC238A Datasheet HTML 2Page - ON Semiconductor MC74HC238A Datasheet HTML 3Page - ON Semiconductor MC74HC238A Datasheet HTML 4Page - ON Semiconductor MC74HC238A Datasheet HTML 5Page - ON Semiconductor MC74HC238A Datasheet HTML 6Page - ON Semiconductor MC74HC238A Datasheet HTML 7Page - ON Semiconductor MC74HC238A Datasheet HTML 8Page - ON Semiconductor

MC74HC238A Product details

1-of-8 Decoder/Demultiplexer
High−Performance Silicon−Gate CMOS

The MC74HC238A is identical in pinout to the LS238. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LSTTL outputs.
The HC238A decodes a three−bit Address to one−of−eight active−high outputs. This device features three Chip Select inputs, two active−low and one active−high to facilitate the demultiplexing, cascading, and chip−selecting functions. The demultiplexing function is accomplished by using the Address inputs to select the desired device output; one of the Chip Selects is used as a data input while the other Chip Selects are held in their active states.

Features
• Output Drive Capability: 10 LSTTL Loads
• Outputs Directly Interface to CMOS, NMOS and TTL
• Operating Voltage Range: 2.0 V to 6.0 V
• Low Input Current: 1.0 μA
• High Noise Immunity Characteristic of CMOS Devices
• In Compliance with the Requirements Defined by JEDEC
   Standard No. 7A
• Chip Complexity: 100 FETs or 29 Equivalent Gates
• These are Pb−Free Devices*
• NLV Prefix for Automotive and Other Applications Requiring
   Unique Site and Control Change Requirements; AEC−Q100
   Qualified and PPAP Capable




Similar Part No. - MC74HC238A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC238A ONSEMI-MC74HC238A Datasheet
142Kb / 9P
   1-of-8 Decoder/ Demultiplexer
June, 2013 ??Rev. 4
MC74HC238ADG ONSEMI-MC74HC238ADG Datasheet
142Kb / 9P
   1-of-8 Decoder/ Demultiplexer
June, 2013 ??Rev. 4
MC74HC238ADR2G ONSEMI-MC74HC238ADR2G Datasheet
142Kb / 9P
   1-of-8 Decoder/ Demultiplexer
June, 2013 ??Rev. 4
MC74HC238ADTG ONSEMI-MC74HC238ADTG Datasheet
142Kb / 9P
   1-of-8 Decoder/ Demultiplexer
June, 2013 ??Rev. 4
MC74HC238ADTR2G ONSEMI-MC74HC238ADTR2G Datasheet
142Kb / 9P
   1-of-8 Decoder/ Demultiplexer
June, 2013 ??Rev. 4
More results


Similar Description - MC74HC238A

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HCT138A INTEGRAL-IN74HCT138A Datasheet
144Kb / 5P
   1-OF-8 DECODER/DEMULTIPLEXER
logo
Fairchild Semiconductor
74AC138 FAIRCHILD-74AC138 Datasheet
100Kb / 9P
   1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
74AC138 ONSEMI-74AC138 Datasheet
209Kb / 11P
   1-of-8 Decoder/Demultiplexer
Revised July 2003
MC74HC238A ONSEMI-MC74HC238A_13 Datasheet
142Kb / 9P
   1-of-8 Decoder/ Demultiplexer
June, 2013 ??Rev. 4
logo
Hitachi Semiconductor
HD74AC138 HITACHI-HD74AC138 Datasheet
66Kb / 11P
   1-of-8 Decoder/Demultiplexer
logo
NXP Semiconductors
74ALS138 PHILIPS-74ALS138 Datasheet
76Kb / 8P
   1-of-8 decoder/demultiplexer
1996 Jul 03
logo
National Semiconductor ...
54F138DM NSC-54F138DM Datasheet
174Kb / 10P
   1-of-8 Decoder/Demultiplexer
logo
Integral Corp.
IN74ACT138 INTEGRAL-IN74ACT138 Datasheet
161Kb / 5P
   1-OF-8 DECODER/DEMULTIPLEXER
logo
ON Semiconductor
MC74HC138A ONSEMI-MC74HC138A_12 Datasheet
142Kb / 10P
   1-of-8 Decoder/ Demultiplexer
July, 2012 ??Rev. 12
logo
Motorola, Inc
SN54LS138 MOTOROLA-SN54LS138 Datasheet
185Kb / 5P
   1-OF-8 DECODER/ DEMULTIPLEXER
logo
ON Semiconductor
MC74HC138A ONSEMI-MC74HC138A Datasheet
185Kb / 8P
   1-of-8 Decoder/Demultiplexer
March, 2000 ??Rev. 7
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com