Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72911 Datasheet (PDF) - Pomona Electronics

72911 Datasheet PDF - Pomona Electronics
Part # 72911
Download  72911 Download
File Size   71.42 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description IEC Insulated BNC (F) to 2 male banana 4 mm plugs

72911 Datasheet (PDF)

Go To PDF Page Download Datasheet
72911 Datasheet PDF - Pomona Electronics

Part # 72911
Download  72911 Click to download

File Size   71.42 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description IEC Insulated BNC (F) to 2 male banana 4 mm plugs

72911 Datasheet (HTML) - Pomona Electronics




Similar Part No. - 72911

ManufacturerPart #DatasheetDescription
logo
Heyco.
7291 HEYCO-7291 Datasheet
132Kb / 1P
Female Pin Connectors
logo
Pomona Electronics
72910 POMONA-72910 Datasheet
70Kb / 1P
IEC Insulated BNC (M) to 2 male banana 4 mm plugs
72912 POMONA-72912 Datasheet
106Kb / 1P
Panel Mt IEC1010 Banana Jacks for Sheathed Plugs
72913 POMONA-72913 Datasheet
128Kb / 1P
Panel Mt IEC61010 4mm (0.16in) Jack for Sheathed Banana Plugs
72914 POMONA-72914 Datasheet
119Kb / 1P
4mm Safety Banana Jack to 2mm Banana Plug Adapter
More results


Similar Description - 72911

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
72910 POMONA-72910 Datasheet
70Kb / 1P
IEC Insulated BNC (M) to 2 male banana 4 mm plugs
72909 POMONA-72909 Datasheet
95Kb / 1P
IEC Insulated BNC (F) to stackable/retractable 4 mm
3957 POMONA-3957 Datasheet
50Kb / 1P
BNC (Male) to Multi-Stacking Banana Plugs
5268 POMONA-5268 Datasheet
28Kb / 1P
BNC (Male) To Single Stackable Banana Plugs
logo
List of Unclassifed Man...
BU-5120-A-4-0 ETC2-BU-5120-A-4-0 Datasheet
169Kb / 1P
BNC Male Breakout to Stackable Single Banana Plugs
logo
Pasternack Enterprises,...
PE9904 PASTERNACK-PE9904 Datasheet
111Kb / 1P
BREAKOUT, BNC MALE TO MINIATURE STACKING BANANA PLUGS
PE9903 PASTERNACK-PE9903 Datasheet
254Kb / 1P
BREAKOUT, BNC MALE TO STANDARD STACKING BANANA PLUGS
logo
Pomona Electronics
3966 POMONA-3966 Datasheet
27Kb / 1P
BNC (Female) To Miniature Banana Plugs
MODEL1269 POMONA-MODEL1269 Datasheet
33Kb / 1P
BNC (Female) To Double Stacking Banana Plugs
1269 POMONA-1269 Datasheet
33Kb / 1P
BNC (Female) To Double Stacking Banana Plugs
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com