Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX19998 Datasheet (PDF) - Maxim Integrated Products

MAX19998 Datasheet PDF - Maxim Integrated Products
Part No. MAX19998
Download  MAX19998 Click to view

File Size   5270.4 Kbytes
Page   28 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SiGe, High-Linearity, 2300MHz to 4000MHz Downconversion Mixer with LO Buffer

MAX19998 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX19998 Datasheet PDF - Maxim Integrated Products

Part No. MAX19998
Download  MAX19998 Click to view

File Size   5270.4 Kbytes
Page   28 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SiGe, High-Linearity, 2300MHz to 4000MHz Downconversion Mixer with LO Buffer

MAX19998 Datasheet (HTML) - Maxim Integrated Products

Back Button MAX19998 Datasheet HTML 1Page - Maxim Integrated Products MAX19998 Datasheet HTML 2Page - Maxim Integrated Products MAX19998 Datasheet HTML 3Page - Maxim Integrated Products MAX19998 Datasheet HTML 4Page - Maxim Integrated Products MAX19998 Datasheet HTML 5Page - Maxim Integrated Products MAX19998 Datasheet HTML 6Page - Maxim Integrated Products MAX19998 Datasheet HTML 7Page - Maxim Integrated Products MAX19998 Datasheet HTML 8Page - Maxim Integrated Products MAX19998 Datasheet HTML 9Page - Maxim Integrated Products MAX19998 Datasheet HTML 10Page - Maxim Integrated Products Next Button 

MAX19998 Product details

General Description
The MAX19998 single, high-linearity downconversion mixer provides 8.7dB of conversion gain, +24.3dBm input IP3, +11.3dBm 1dB input compression point, and a noise figure of 9.7dB for 2300MHz to 4000MHz WiMAXK, LTE, and MMDS receiver applications. With an ultra-wide LO 2600MHz to 4300MHz frequency range, the MAX19998 can be used in either low-side or high-side LO injection architectures for virtually all 2.5GHz and 3.5GHz applications. For a 2.5GHz variant tuned specifically for high-side injection, refer to the MAX19996A.

Features
♦ 2300MHz to 4000MHz RF Frequency Range
♦ 2600MHz to 4300MHz LO Frequency Range
♦ 50MHz to 500MHz IF Frequency Range
♦ 8.7dB Conversion Gain
♦ 9.7dB Noise Figure
♦ +24.3dBm Typical Input IP3
♦ +11.3dBm Typical Input 1dB Compression Point
♦ 67dBc Typical 2RF - 2LO Spurious Rejection at
   PRF = -10dBm
♦ Integrated LO Buffer
♦ Integrated RF and LO Baluns for Single-Ended
   Inputs
♦ Low -3dBm to +3dBm LO Drive
♦ Pin Compatible with the MAX19996/MAX19996A
   2000MHz to 3900MHz Mixers
♦ Pin Similar with the MAX9984/MAX9986/
   MAX9986A Series of 400MHz to 1000MHz Mixers
   and the MAX9993/MAX9994/MAX9996 Series of
   1700MHz to 2200MHz Mixers
♦ Single 5.0V or 3.3V Supply
♦ External Current-Setting Resistors Provide Option
   for Operating Device in Reduced-Power/Reduced Performance Mode

Applications
   2.5GHz WiMAX and LTE Base Stations
   2.7GHz MMDS Base Stations
   3.5GHz WiMAX and LTE Base Stations
   Fixed Broadband Wireless Access
   Wireless Local Loop
   Private Mobile Radios
   Military Systems



Similar Part No. - MAX19998

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX1999 MAXIM-MAX1999 Datasheet
497Kb / 32P
   High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers
Rev 1; 9/04
MAX1999 MAXIM-MAX1999 Datasheet
180Kb / 8P
   7V to 24V Input Voltage Range, 3.3V and 5V Output Voltages
Rev 0; 7/02
MAX19993 MAXIM-MAX19993 Datasheet
4Mb / 23P
   Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10
MAX19993ETX++ MAXIM-MAX19993ETX+ Datasheet
4Mb / 23P
   Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10
MAX19993ETX+T MAXIM-MAX19993ETX+T Datasheet
4Mb / 23P
   Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10
More results

Similar Description - MAX19998

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX2044 MAXIM-MAX2044 Datasheet
6Mb / 39P
   SiGe, High-Linearity, 2300MHz to 4000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 10/09
MAX19999 MAXIM-MAX19999 Datasheet
324Kb / 19P
   Dual, SiGe High-Linearity, 3000MHz to 4000MHz Downconversion Mixer with LO Buffer
Rev 0; 10/08
MAX19996A MAXIM-MAX19996A Datasheet
825Kb / 35P
   SiGe, High-Linearity, 2000MHz to 3900MHz Downconversion Mixer with LO Buffer
Rev 1; 5/09
MAX19996 MAXIM-MAX19996 Datasheet
404Kb / 19P
   SiGe High-Linearity, 2000MHz to 3000MHz Downconversion Mixer with LO Buffer
Rev 0; 7/08
MAX9984 MAXIM-MAX9984 Datasheet
493Kb / 15P
   SiGe High-Linearity, 400MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 4/05
MAX9986A MAXIM-MAX9986A Datasheet
348Kb / 12P
   SiGe High-Linearity, 815MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/06
MAX2042 MAXIM-MAX2042 Datasheet
4Mb / 27P
   SiGe High-Linearity, 2000MHz to 3000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 8/09
MAX19997A MAXIM-MAX19997A Datasheet
492Kb / 34P
   Dual, SiGe High-Linearity, 1800MHz to 2900MHz Downconversion Mixer with LO Buffer
Rev 0; 10/08
MAX19997A MAXIM-MAX19997A_11 Datasheet
585Kb / 35P
   Dual, SiGe High-Linearity, 1800MHz to 2900MHz Downconversion Mixer with LO Buffer
Rev 2; 2/11
MAX19997A_1108 MAXIM-MAX19997A_1108 Datasheet
631Kb / 35P
   Dual, SiGe High-Linearity, 1800MHz to 2900MHz Downconversion Mixer with LO Buffer
Rev 3; 8/11
More results

Datasheet Page

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz