Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2315E Datasheet (PDF) - Princeton Technology Corp

PT2315E Datasheet PDF - Princeton Technology Corp
Part # PT2315E
Download  PT2315E Download

File Size   173.14 Kbytes
Page   5 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Stereo Audio Processor for Home TV Audio

PT2315E Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2315E Datasheet PDF - Princeton Technology Corp

Part # PT2315E
Download  PT2315E Click to download

File Size   173.14 Kbytes
Page   5 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Stereo Audio Processor for Home TV Audio

PT2315E Datasheet (HTML) - Princeton Technology Corp


PT2315E Product details

DESCRIPTION

The PT2315E is an audio processor designed for versatile application, includes master volume control with low frequency loudness compensation, speaker output attenuator and tone control. It is a good solution for the home audio signal processing.



FEATURES

• Master volume from 0 dB to -78.75dB in 1.25dB/step

• Speaker attenuator for balance, range from 0dB to -38.75dB in 1.25dB/step

• Each channel output can be muted individually.

• Low frequency loudness compensation

• Bass and Treble control, range from -14dB to +14dB in 2dB/step

• Wide operation range (VDD=4V to 10V)

• Low harmonic distortion, low noise

• Improved and replace PT2315 and PT2315A




Similar Part No. - PT2315E

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2315E PTC-PT2315E Datasheet
172Kb / 5P
   Stereo Audio Processor for Home TV Audio
PT2315E-S PTC-PT2315E-S Datasheet
172Kb / 5P
   Stereo Audio Processor for Home TV Audio
PT2315E PTC-PT2315E_10 Datasheet
172Kb / 5P
   Stereo Audio Processor for Home TV Audio
More results


Similar Description - PT2315E

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2315E PTC-PT2315E_10 Datasheet
172Kb / 5P
   Stereo Audio Processor for Home TV Audio
PT2314E PTC-PT2314E_10 Datasheet
177Kb / 5P
   Stereo Audio Processor for Home/TV Audio
PT2314E PTC-PT2314E Datasheet
177Kb / 5P
   Stereo Audio Processor for Home/TV Audio
logo
Rohm
BD3870FS ROHM-BD3870FS Datasheet
215Kb / 6P
   Audio Sound Processor for home audio
BD3872FS ROHM-BD3872FS Datasheet
234Kb / 6P
   Audio Sound Processor for home audio
BD3873FS ROHM-BD3873FS Datasheet
214Kb / 6P
   Audio Sound Processor for home audio
BD3871FS ROHM-BD3871FS_1 Datasheet
218Kb / 6P
   Audio Sound Processor for home audio
BD3402KS2 ROHM-BD3402KS2 Datasheet
204Kb / 6P
   Audio Sound Processor for home audio
logo
Princeton Technology Co...
PT2313E PTC-PT2313E Datasheet
198Kb / 5P
   Stereo Audio Processor for Car Audio
PT7313E PTC-PT7313E Datasheet
379Kb / 16P
   Stereo Audio Processor for Car Audio
February 2010
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com