Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2314E Datasheet (PDF) - Princeton Technology Corp

PT2314E Datasheet PDF - Princeton Technology Corp
Part # PT2314E
Download  PT2314E Download

File Size   177.42 Kbytes
Page   5 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Stereo Audio Processor for Home/TV Audio

PT2314E Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2314E Datasheet PDF - Princeton Technology Corp

Part # PT2314E
Download  PT2314E Click to download

File Size   177.42 Kbytes
Page   5 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Stereo Audio Processor for Home/TV Audio

PT2314E Datasheet (HTML) - Princeton Technology Corp


PT2314E Product details

DESCRIPTION
The PT2314E is an audio processor designed for versatile application, includes 4 stereo input selector with adjustable gain, master volume control with low frequency loudness compensation, speaker output attenuator and tone control. It is a good solution for the home audio signal processing.
Due to the high reliability requirement from the audio business, the PT2314E improves both audio performances and input surge current capability, these causes the PT2314E is the best solution for the cost-effective audio systems.

FEATURES
• 4 stereo inputs with gain selection, range from 0dB
   to +11.25dB in 3.75dB/step
• Master volume from 0 dB to -78.75dB in
   1.25dB/step
• Speaker attenuator for balance, range from 0dB to
   -38.75dB in 1.25dB/step
• Each channel output can be muted individually.
• Low frequency loudness compensation
• Bass and Treble control, range from -14dB to
   +14dB in 2dB/step
• Wide operation range (VDD=4V to 10V)
• Low harmonic distortion, low noise
• Improved and replace PT2314 and PT2314A

APPLICATIONS
• Flat Panel TV
• Home Audio System
• Powered Speaker System




Similar Part No. - PT2314E

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2314E PTC-PT2314E Datasheet
177Kb / 5P
   Stereo Audio Processor for Home/TV Audio
PT2314E-S PTC-PT2314E-S Datasheet
177Kb / 5P
   Stereo Audio Processor for Home/TV Audio
PT2314E PTC-PT2314E_10 Datasheet
177Kb / 5P
   Stereo Audio Processor for Home/TV Audio
More results


Similar Description - PT2314E

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2315E PTC-PT2315E_10 Datasheet
172Kb / 5P
   Stereo Audio Processor for Home TV Audio
PT2315E PTC-PT2315E Datasheet
173Kb / 5P
   Stereo Audio Processor for Home TV Audio
PT2314E PTC-PT2314E_10 Datasheet
177Kb / 5P
   Stereo Audio Processor for Home/TV Audio
logo
Rohm
BD3870FS ROHM-BD3870FS Datasheet
215Kb / 6P
   Audio Sound Processor for home audio
BD3872FS ROHM-BD3872FS Datasheet
234Kb / 6P
   Audio Sound Processor for home audio
BD3873FS ROHM-BD3873FS Datasheet
214Kb / 6P
   Audio Sound Processor for home audio
BD3871FS ROHM-BD3871FS_1 Datasheet
218Kb / 6P
   Audio Sound Processor for home audio
BD3402KS2 ROHM-BD3402KS2 Datasheet
204Kb / 6P
   Audio Sound Processor for home audio
logo
Princeton Technology Co...
PT2313E PTC-PT2313E Datasheet
198Kb / 5P
   Stereo Audio Processor for Car Audio
PT7313E PTC-PT7313E Datasheet
379Kb / 16P
   Stereo Audio Processor for Car Audio
February 2010
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com